Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 43
PIC16F630/676
6.5
Comparator Reference
The comparator module also allows the selection of an
internally generated voltage reference for one of the
comparator inputs. The internal reference signal is
used for four of the eight Comparator modes. The
VRCON register, Register 6-2, controls the voltage
reference module shown in Figure 6-5.
6.5.1
CONFIGURING THE VOLTAGE
REFERENCE
The voltage reference can output 32 distinct voltage
levels, 16 in a high range and 16 in a low range.
The following equations determine the output voltages:
VRR = 1 (low range): CVREF = (VR3:VR0 / 24) x VDD
VRR = 0 (high range): CVREF = (VDD / 4) + (VR3:VR0 x
VDD / 32)
6.5.2
VOLTAGE REFERENCE
ACCURACY/ERROR
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 6-5) keep CVREF from approaching VSS or
VDD. The Voltage Reference is VDD derived and there-
fore, the CVREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Comparator
Voltage Reference can be found in Section 12.0
“Electrical Specifications”.
FIGURE 6-5:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
6.6
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the
comparator output is ensured to have a valid level. If
the internal reference is changed, the maximum delay
of the internal voltage reference must be considered
when using the comparator outputs. Otherwise, the
maximum delay of the comparators should be used
(Table 12-7).
6.7
Operation During Sleep
Both the comparator and voltage reference, if enabled
before entering Sleep mode, remain active during
Sleep. This results in higher Sleep currents than shown
in the power-down specifications. The additional cur-
rent consumed by the comparator and the voltage ref-
erence is shown separately in the specifications. To
minimize power consumption while in Sleep mode, turn
off the comparator, CM2:CM0 = 111, and voltage refer-
ence, VRCON<7> = 0.
While the comparator is enabled during Sleep, an inter-
rupt will wake-up the device. If the device wakes up
from Sleep, the contents of the CMCON and VRCON
registers are not affected.
6.8
Effects of a Reset
A device Reset forces the CMCON and VRCON
registers to their Reset states. This forces the
comparator module to be in the Comparator Reset
mode, CM2:CM0 = 000 and the voltage reference to its
off state. Thus, all potential inputs are analog inputs
with the comparator and voltage reference disabled to
consume the smallest current possible.
VRR
8R
VR3:VR0
16-1 Analog
8R
RR
RR
CVREF to
16 Stages
Comparator
Input
VREN
VDD
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com