Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 90Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 91Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 92Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 93Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 94Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 95Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 96Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 97Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
PIC16F630/676
DS40039F-page 94
 2010 Microchip Technology Inc.
12.7
DC Characteristics: PIC16F630/676-I (Industrial), PIC16F630/676-E (Extended)
(Cont.)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2 pin
—
—
15*
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101
CIO
All I/O pins
—
—
50*
pF
Data EEPROM Memory
D120
ED
Byte Endurance
100K
1M
—
E/W -40
C  TA +85°C
D120A
ED
Byte Endurance
10K
100K
—
E/W +85°C
 TA +125°C
D121
VDRW VDD for Read/Write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = Minimum operating
voltage
D122
TDEW Erase/Write cycle time
—
5
6
ms
D123
TRETD Characteristic Retention
40
—
—
Year Provided no other specifications
are violated
D124
TREF
Number of Total Erase/Write
Cycles before Refresh(1)
1M
10M
—
E/W -40
C  TA +85°C
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W -40
C  TA +85°C
D130A
ED
Cell Endurance
1K
10K
—
E/W +85°C
 TA +125°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VPEW VDD for Erase/Write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
2
2.5
ms
D134
TRETD Characteristic Retention
40
—
—
Year Provided no other specifications
are violated
* These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: See Section 8.5.1 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com