Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 56Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 57Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 60Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 61Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 62Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 63Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
PIC16F630/676
DS40039F-page 60
 2010 Microchip Technology Inc.
9.3.1
MCLR
PIC16F630/676 devices have a noise filter in the
MCLR Reset path. The filter will detect and ignore
small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.
The behavior of the ESD protection on the MCLR pin
has been altered from previous devices of this family.
Voltages applied to the pin that exceed its specification
can result in both MCLR Resets and excessive current
beyond the device specification during the ESD event.
For this reason, Microchip recommends that the MCLR
pin no longer be tied directly to VDD. The use of an RC
network, as shown in Figure 9-5, is suggested.
An internal MCLR option is enabled by setting the
MCLRE bit in the Configuration Word. When enabled,
MCLR is internally tied to VDD. No internal pull-up
option is available for the MCLR pin.
FIGURE 9-5:
RECOMMENDED MCLR
CIRCUIT
9.3.2
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper
operation. To take advantage of the POR, simply tie the
MCLR pin through a resistor to VDD. This will eliminate
external RC components usually needed to create
Power-on Reset. A maximum rise time for VDD is
required. See Section 12.0 “Electrical Specifica-
tions” for details. If the BOD is enabled, the maximum
rise time specification does not apply. The BOD cir-
cuitry will keep the device in Reset until VDD reaches
VBOD
(see
Section 9.3.5
“Brown-out
Detect
(BOD)”).
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in Reset until the operating
conditions are met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting.”
9.3.3
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms (nominal)
time-out on power-up only, from POR or Brown-out
Detect. The Power-up Timer operates on an internal
RC oscillator. The chip is kept in Reset as long as
PWRT is active. The PWRT delay allows the VDD to
rise to an acceptable level. A Configuration bit, PWRTE
can disable (if set) or enable (if cleared or
programmed) the Power-up Timer. The Power-up
Timer should always be enabled when Brown-out
Detect is enabled.
The Power-up Time delay will vary from chip to chip
and due to:
•VDD variation
• Temperature variation
• Process variation.
See DC parameters for details (Section 12.0 “Electri-
cal Specifications”).
9.3.4
OSCILLATOR START-UP TIMER
(OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
Sleep.
Note:
The POR circuit does not produce an inter-
nal Reset when VDD declines.
VDD
PIC16F630/676
MCLR
R1
1 k
or greater
C1
0.1
f
(optional, not critical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com