Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 60Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 61Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 62Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 63Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 64Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 65Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 66Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 63
PIC16F630/676
TABLE 9-7:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
•MCLR Reset
• WDT Reset
• Brown-out Detect(1)
• Wake-up from Sleep
through interrupt
• Wake-up from Sleep
through WDT time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
—
—
—
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--xx xxxx
--uu uuuu
--uu uuuu
PORTC
07h
--xx xxxx
--uu uuuu
--uu uuuu
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 0000
0000 000u
uuuu uuqq(2)
PIR1
0Ch
00-- 0--0
00-- 0--0
qq-- q--q(2,5)
T1CON
10h
-000 0000
-uuu uuuu
-uuu uuuu
CMCON
19h
-0-0 0000
-0-0 0000
-u-u uuuu
ADRESH
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
00-0 0000
00-0 0000
uu-u uuuu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu uuuu
TRISC
87h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
00-- 0--0
00-- 0--0
uu-- u--u
PCON
8Eh
---- --0x
---- --uu(1,6)
---- --uu
OSCCAL
90h
1000 00--
1000 00--
uuuu uu--
ANSEL
91h
1111 1111
1111 1111
uuuu uuuu
WPUA
95h
--11 -111
--11 -111
uuuu uuuu
IOCA
96h
--00 0000
--00 0000
--uu uuuu
VRCON
99h
0-0- 0000
0-0- 0000
u-u- uuuu
EEDATA
9Ah
0000 0000
0000 0000
uuuu uuuu
EEADR
9Bh
-000 0000
-000 0000
-uuu uuuu
EECON1
9Ch
---- x000
---- q000
---- uuuu
EECON2
9Dh
---- ----
---- ----
---- ----
ADRESL
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
9Fh
-000 ----
-000 ----
-uuu ----
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1: If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4: See Table 9-6 for Reset value for specific condition.
5: If wake-up was due to data EEPROM write completing, bit 7 = 1; A/D conversion completing, bit 6 = 1;
Comparator input changing, bit 3 = 1; or Timer1 rolling over, bit 0 = 1. All other interrupts generating a
wake-up will cause these bits to = u.
6: If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com