Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 93Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 94Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 95Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 96Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 97Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 98Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 99Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 100Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 97
PIC16F630/676
TABLE 12-2:
PRECISION INTERNAL OSCILLATOR PARAMETERS
Param
No.
Sym
Characteristic
Freq
Tolerance
Min
Typ†
Max
Units
Conditions
F10
FOSC Internal Calibrated
INTOSC Frequency
1
3.96
4.00
4.04
MHz VDD = 3.5V, 25
C
2
3.92
4.00
4.08
MHz 2.5V
VDD  5.5V
0
C  TA  +85C
5
3.80
4.00
4.20
MHz 2.0V
VDD  5.5V
-40
C  TA  +85C (IND)
-40
C  TA  +125C (EXT)
F14
TIOSC
ST
Oscillator Wake-up from
Sleep start-up time*
——
6
8
sVDD = 2.0V, -40C to +85C
——
4
6
sVDD = 3.0V, -40C to +85C
——
3
5
sVDD = 5.0V, -40C to +85C
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com