Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 98Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 99Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 100Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 101Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 102Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 103Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 104Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 105Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 132 page
background image
PIC16F630/676
DS40039F-page 102
 2010 Microchip Technology Inc.
TABLE 12-6:
COMPARATOR SPECIFICATIONS
TABLE 12-7:
COMPARATOR VOLTAGE REFERENCE SPECIFICATIONS
Comparator Specifications
Standard Operating Conditions
-40°C to +125°C (unless otherwise stated)
Sym
Characteristics
Min
Typ
Max
Units
Comments
VOS
Input Offset Voltage
—
 5.0
 10
mV
VCM
Input Common Mode Voltage
0
—
VDD - 1.5
V
CMRR
Common Mode Rejection Ratio
+55*
—
—
db
TRT
Response Time(1)
—
150
400*
ns
TMC2COV Comparator Mode Change to
Output Valid
——
10*
s
* These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at (VDD - 1.5)/2 while the other input transitions from
VSS to VDD - 1.5V.
Voltage Reference Specifications
Standard Operating Conditions
-40°C to +125°C (unless otherwise stated)
Sym
Characteristics
Min
Typ
Max
Units
Comments
Resolution
—
—
VDD/24*
VDD/32
—
—
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Absolute Accuracy
—
—
—
—
 1/2*
1/2*
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Unit Resistor Value (R)
—
2k*
—
Settling Time(1)
——
10*
s
* These parameters are characterized but not tested.
Note 1: Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com