Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/ST Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F676-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 120Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 121Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 122Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 123Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 124Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 125Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 126Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 127Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 132 page
background image
PIC16F630/676
DS40039F-page 124
2010 Microchip Technology Inc.
APPENDIX C: DEVICE MIGRATIONS
This section is intended to describe the functional and
electrical specification differences when migrating
between functionally similar devices (such as from a
PIC16C74A to a PIC16C74B).
Not Applicable
APPENDIX D: MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC16F6XX family of devices.
D.1
PIC12C67X to PIC12F6XX
TABLE 1:
FEATURE COMPARISON
Feature
PIC12C67X
PIC16F6XX
Max Operating Speed
10 MHz
20 MHz
Max Program Memory 2048 bytes
1024 bytes
A/D Resolution
8-bit
10-bit
Data EEPROM
16 bytes
64 bytes
Oscillator Modes
5
8
Brown-out Detect
N
Y
Internal Pull-ups
RA0/1/3
RA0/1/2/4/5
Interrupt-on-change
RA0/1/3
RA0/1/2/3/4/5
Comparator
N
Y
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com