| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 68 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 68 Page - Altera Corporation |
|
68 / 274 page ![]() 5–8 Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family Clock Networks Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 clkena Signals The Cyclone III device family supports clkena signals at the GCLK network level. This allows you to gate-off the clock even when a PLL is used. Upon re-enabling the output clock, the PLL does not need a resynchronization or re-lock period because the circuit gates off the clock at the clock network level. In addition, the PLL can remain locked independent of the clkena signals because the loop-related counters are not affected. Figure 5–4 shows how to implement the clkena signal. 1 The clkena circuitry controlling the output C0 of the PLL to an output pin is implemented with two registers instead of a single register, as shown in Figure 5–4. Figure 5–5 shows the waveform example for a clock output enable. The clkena signal is sampled on the falling edge of the clock (clkin). 1 This feature is useful for applications that require low power or sleep mode. The clkena signal can also disable clock outputs if the system is not tolerant to frequency overshoot during PLL resynchronization. Figure 5–4. clkena Implementation DQ clkena clkena_out clk_out clkin Figure 5–5. clkena Implementation: Output Enable clkin clkena clk_out |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |