Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 29 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 29 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 25Page - Altera Corporation PLL1_C4 Datasheet HTML 26Page - Altera Corporation PLL1_C4 Datasheet HTML 27Page - Altera Corporation PLL1_C4 Datasheet HTML 28Page - Altera Corporation PLL1_C4 Datasheet HTML 29Page - Altera Corporation PLL1_C4 Datasheet HTML 30Page - Altera Corporation PLL1_C4 Datasheet HTML 31Page - Altera Corporation PLL1_C4 Datasheet HTML 32Page - Altera Corporation PLL1_C4 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 274 page
background image
Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family
2–3
LE Operating Modes
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
In addition to the three general routing outputs, LEs in a LAB have register chain
outputs, which allows registers in the same LAB to cascade together. The register
chain output allows the LUTs to be used for combinational functions and the registers
to be used for an unrelated shift register implementation. These resources speed up
connections between LABs while saving local interconnect resources.
LE Operating Modes
Cyclone III device family LEs operate in the following modes:
■
Normal mode
■
Arithmetic mode
LE operating modes use LE resources differently. In each mode, there are six available
inputs to the LE. These inputs include the four data inputs from the LAB local
interconnect, the LE carry-in from the previous LE carry-chain, and the register chain
connection. Each input is directed to different destinations to implement the desired
logic function. LAB-wide signals provide clock, asynchronous clear, synchronous
clear, synchronous load, and clock enable control for the register. These LAB-wide
signals are available in all LE modes.
The Quartus® II software automatically chooses the appropriate mode for common
functions, such as counters, adders, subtractors, and arithmetic functions, in
conjunction with parameterized functions such as the library of parameterized
modules (LPM) functions. You can also create special-purpose functions that specify
which LE operating mode to use for optimal performance, if required.
Normal Mode
Normal mode is suitable for general logic applications and combinational functions.
In normal mode, four data inputs from the LAB local interconnect are inputs to a
four-input LUT (Figure 2–2). The Quartus II Compiler automatically selects the
carry-in (cin) or the data3 signal as one of the inputs to the LUT. LEs in normal mode
support packed registers and register feedback.
Figure 2–2 shows LEs in normal mode.
Figure 2–2. Cyclone III Device Family LEs in Normal Mode
data1
Four-Input
LUT
data2
data3
cin (from cout
of previous LE)
data4
clock (LAB Wide)
ena (LAB Wide)
aclr (LAB Wide)
CLRN
D
Q
ENA
sclear
(LAB Wide)
sload
(LAB Wide)
Register Chain
Connection
Register
Chain Output
Row, Column, and
Direct Link Routing
Row, Column, and
Direct Link Routing
Local Routing
Register Bypass
Packed Register Input
Register Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com