Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 31 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 31 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 27Page - Altera Corporation PLL1_C4 Datasheet HTML 28Page - Altera Corporation PLL1_C4 Datasheet HTML 29Page - Altera Corporation PLL1_C4 Datasheet HTML 30Page - Altera Corporation PLL1_C4 Datasheet HTML 31Page - Altera Corporation PLL1_C4 Datasheet HTML 32Page - Altera Corporation PLL1_C4 Datasheet HTML 33Page - Altera Corporation PLL1_C4 Datasheet HTML 34Page - Altera Corporation PLL1_C4 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 274 page
background image
Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family
2–5
Logic Array Blocks
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
■
LAB control signals
■
LE carry chains
■
Register chains
■
Local interconnect
The local interconnect transfers signals between LEs in the same LAB. Register chain
connections transfer the output of one LE register to the adjacent LE register in a LAB.
The Quartus II Compiler places associated logic in a LAB or adjacent LABs, allowing
the use of local and register chain connections for performance and area efficiency.
Figure 2–4 shows the LAB structure for the Cyclone III device family.
LAB Interconnects
The LAB local interconnect is driven by column and row interconnects and LE
outputs in the same LAB. Neighboring LABs, phase-locked loops (PLLs), M9K RAM
blocks, and embedded multipliers from the left and right can also drive the local
interconnect of a LAB through the direct link connection. The direct link connection
feature minimizes the use of row and column interconnects, providing higher
performance and flexibility. Each LE can drive up to 48 LEs through fast local and
direct link interconnects.
Figure 2–4. Cyclone III Device Family LAB Structure
Direct link
interconnect
from adjacent
block
Direct link
interconnect
to adjacent
block
Row Interconnect
Column
Interconnect
Local Interconnect
LAB
Direct link
interconnect
from adjacent
block
Direct link
interconnect
to adjacent
block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com