| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 80 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 80 Page - Altera Corporation |
|
80 / 274 page ![]() 5–20 Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family Hardware Features Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Manual Override If you are using the automatic switchover, you must switch input clocks with the manual override feature with the clkswitch input. Figure 5–16 shows an example of a waveform illustrating the switchover feature when controlled by clkswitch. In this case, both clock sources are functional and inclk0 is selected as the reference clock. A low-to-high transition of the clkswitch signal starts the switchover sequence. The clkswitch signal must be high for at least three clock cycles (at least three of the longer clock period if inclk0 and inclk1 have different frequencies). On the falling edge of inclk0, the reference clock of the counter, muxout , is gated off to prevent any clock glitching. On the falling edge of inclk1, the reference clock multiplexer switches from inclk0 to inclk1 as the PLL reference. On the falling edge of inclk1, the reference clock multiplexer switches from inclk0 to inclk1 as the PLL reference, and the activeclock signal changes to indicate which clock is currently feeding the PLL. In this mode, the activeclock signal mirrors the clkswitch signal. As both blocks are still functional during the manual switch, neither clkbad signals go high. Because the switchover circuit is positive edge-sensitive, the falling edge of the clkswitch signal does not cause the circuit to switch back from inclk1 to inclk0. When the clkswitch signal goes high again, the process repeats. The clkswitch signal and the automatic switch only works depending on the availability of the clock that is switched to. If the clock is unavailable, the state machine waits until the clock is available. 1 If CLKSWITCH = 1, the automatic switchover function is overridden. While the clkswitch signal is high, further switchover action is blocked. Figure 5–16. Clock Switchover Using the clkswitch Control (1) Note to Figure 5–16: (1) Both inclk0 and inclk1 must be running when the clkswitch signal goes high to start a manual clock switchover event. inclk0 inclk1 muxout clkswitch activeclock clkbad0 clkbad1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |