Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 76 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 76 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 72Page - Altera Corporation PLL1_C4 Datasheet HTML 73Page - Altera Corporation PLL1_C4 Datasheet HTML 74Page - Altera Corporation PLL1_C4 Datasheet HTML 75Page - Altera Corporation PLL1_C4 Datasheet HTML 76Page - Altera Corporation PLL1_C4 Datasheet HTML 77Page - Altera Corporation PLL1_C4 Datasheet HTML 78Page - Altera Corporation PLL1_C4 Datasheet HTML 79Page - Altera Corporation PLL1_C4 Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 274 page
background image
5–16
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Hardware Features
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Post-Scale Counter Cascading
Cyclone III device family PLLs support post-scale counter cascading to create
counters larger than 512. This is implemented by feeding the output of one C counter
into the input of the next C counter, as shown in Figure 5–12.
When cascading counters to implement a larger division of the high-frequency VCO
clock, the cascaded counters behave as one counter with the product of the individual
counter settings.
For example, if C0 = 4 and C1 = 2, the cascaded value is C0 × C1 = 8.
1 Post-scale counter cascading is automatically set by the Quartus II software in the
configuration file. Post-scale counter cascading cannot be performed using the PLL
reconfiguration.
Programmable Duty Cycle
The programmable duty cycle allows PLLs to generate clock outputs with a variable
duty cycle. This feature is supported on the PLL post-scale counters. You can achieve
the duty cycle setting by a low and high time count setting for the post-scale counters.
The Quartus II software uses the frequency input and the required multiply or divide
rate to determine the duty cycle choices. The post-scale counter value determines the
precision of the duty cycle. The precision is defined by 50% divided by the post-scale
counter value. For example, if the C0 counter is 10, steps of 5% are possible for duty
cycle choices between 5 to 90%.
Combining the programmable duty cycle with programmable phase shift allows the
generation of precise non-overlapping clocks.
Figure 5–12. Counter Cascading
C0
C1
C2
C3
C4
VCO Output
VCO Output
VCO Output
VCO Output
VCO Output
VCO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com