Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 37 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 37 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 33Page - Altera Corporation PLL1_C4 Datasheet HTML 34Page - Altera Corporation PLL1_C4 Datasheet HTML 35Page - Altera Corporation PLL1_C4 Datasheet HTML 36Page - Altera Corporation PLL1_C4 Datasheet HTML 37Page - Altera Corporation PLL1_C4 Datasheet HTML 38Page - Altera Corporation PLL1_C4 Datasheet HTML 39Page - Altera Corporation PLL1_C4 Datasheet HTML 40Page - Altera Corporation PLL1_C4 Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–3
Overview
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Control Signals
The clock-enable control signal controls the clock entering the input and output
registers and the entire M9K memory block. This signal disables the clock so that the
M9K memory block does not see any clock edges and does not perform any
operations.
The rden and wren control signals control the read and write operations for each port
of M9K memory blocks. You can disable the rden or wren signals independently to
save power whenever the operation is not required.
Figure 3–1 shows how the register clock, clear, and control signals are implemented in
the Cyclone III device family M9K memory block.
Parity Bit Support
Parity checking for error detection is possible with the parity bit along with internal
logic resources. The Cyclone III device family M9K memory blocks support a parity
bit for each storage byte. You can use this bit as either a parity bit or as an additional
data bit. No parity function is actually performed on this bit.
Figure 3–1. M9K Control Signal Selection
clock_b
clocken_a
clock_a
clocken_b
aclr_b
aclr_a
Dedicated
Row LAB
Clocks
rden_b
rden_a
6
Local
Interconnect
byteena_b
byteena_a
addressstall_b
addressstall_a
wren_a
wren_b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com