Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 99 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 99 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 95Page - Altera Corporation PLL1_C4 Datasheet HTML 96Page - Altera Corporation PLL1_C4 Datasheet HTML 97Page - Altera Corporation PLL1_C4 Datasheet HTML 98Page - Altera Corporation PLL1_C4 Datasheet HTML 99Page - Altera Corporation PLL1_C4 Datasheet HTML 100Page - Altera Corporation PLL1_C4 Datasheet HTML 101Page - Altera Corporation PLL1_C4 Datasheet HTML 102Page - Altera Corporation PLL1_C4 Datasheet HTML 103Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 274 page
background image
CIII51007-3.4
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
July 2012
Subscribe
ISO
9001:2008
Registered
6. I/O Features in the Cyclone III
Device Family
This chapter describes the I/O features offered in the Cyclone® III device family
(Cyclone III and Cyclone III LS devices).
The I/O capabilities of the Cyclone III device family are driven by the diversification
of I/O standards in many low-cost applications, and the significant increase in
required I/O performance. Altera’s objective is to create a device that accommodates
your key board design needs with ease and flexibility.
The I/O flexibility of the Cyclone III device family is increased from the previous
generation low-cost FPGAs by allowing all I/O standards to be selected on all I/O
banks. Improvements to on-chip termination (OCT) support and the addition of true
differential buffers have eliminated the need for external resistors in many
applications, such as display system interfaces. Altera’s Quartus® II software
completes the solution with powerful pin planning features that allow you to plan
and optimize I/O system designs even before the design files are available.
This chapter contains the following sections:
■
“Cyclone III Device Family I/O Elements” on page 6–1
■
“I/O Element Features” on page 6–2
■
“OCT Support” on page 6–7
■
“I/O Standards” on page 6–11
■
“Termination Scheme for I/O Standards” on page 6–13
■
“I/O Banks” on page 6–16
■
“Pad Placement and DC Guidelines” on page 6–21
Cyclone III Device Family I/O Elements
Cyclone III device family I/O elements (IOEs) contain a bidirectional I/O buffer and
five registers for registering input, output, output-enable signals, and complete
embedded bidirectional single-data rate transfer. I/O pins support various
single-ended and differential I/O standards.
The IOE contains one input register, two output registers, and two output-enable (OE)
registers. The two output registers and two OE registers are used for DDR
applications. You can use input registers for fast setup times and output registers for
fast clock-to-output times. Additionally, you can use OE registers for fast
clock-to-output enable timing. You can use IOEs for input, output, or bidirectional
data paths.
July 2012
CIII51007-3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com