Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 101 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 101 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 97Page - Altera Corporation PLL1_C4 Datasheet HTML 98Page - Altera Corporation PLL1_C4 Datasheet HTML 99Page - Altera Corporation PLL1_C4 Datasheet HTML 100Page - Altera Corporation PLL1_C4 Datasheet HTML 101Page - Altera Corporation PLL1_C4 Datasheet HTML 102Page - Altera Corporation PLL1_C4 Datasheet HTML 103Page - Altera Corporation PLL1_C4 Datasheet HTML 104Page - Altera Corporation PLL1_C4 Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–3
I/O Element Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 6–1 lists the possible settings for I/O standards with current strength control.
These programmable current strength settings are a valuable tool in helping decrease
the effects of simultaneously switching outputs (SSO) in conjunction with reducing
system noise. The supported settings ensure that the device driver meets the
specifications for IOH and IOL of the corresponding I/O standard.
1 When you use programmable current strength, on-chip series termination is not
available.
f For information about how to interface the Cyclone III device family with 3.3-, 3.0-, or
2.5-V systems, refer to the guidelines provided in AN 447: Interfacing Cyclone III and
Cyclone IV Devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O Systems.
Table 6–1. Programmable Current Strength (1)
I/O Standard
IOH/IOL Current Strength Setting (mA)
Top and Bottom I/O Pins
Left and Right I/O Pins
1.2-V LVCMOS
2, 4, 6, 8, 10,12
2, 4, 6, 8,10
1.5-V LVCMOS
2, 4, 6, 8, 10, 12,16
2, 4, 6, 8, 10, 12,16
1.8-V LVTTL/LVCMOS
2, 4, 6, 8, 10, 12,16
2, 4, 6, 8, 10, 12,16
2.5-V LVTTL/LVCMOS
4, 8, 12,16
4, 8, 12,16
3.0-V LVCMOS
4, 8, 12,16
4, 8, 12,16
3.0-V LVTTL
4, 8, 12,16
4, 8, 12,16
3.3-V LVCMOS (2)
22
3.3-V LVTTL (2)
4, 8
4, 8
HSTL-12 Class I
8, 10,12
8, 10
HSTL-12 Class II
14
—
HSTL-15 Class I
8, 10, 12
8, 10, 12
HSTL-15 Class II
16
16
HSTL-18 Class I
8, 10, 12
8, 10, 12
HSTL-18 Class II
16
16
SSTL-18 Class I
8, 10, 12
8, 10, 12
SSTL-18 Class II
12, 16
12, 16
SSTL-2 Class I
8, 12
8, 12
SSTL-2 Class II
16
16
BLVDS
8, 12, 16
8, 12, 16
Notes to Table 6–1:
(1) The default setting in the Quartus II software is 50-
 OCT without calibration for all non-voltage reference and
HSTL/SSTL Class I I/O standards. The default setting is 25-
 OCT without calibration for HSTL/SSTL Class II I/O
standards.
(2) The default current setting in the Quartus II software is highlighted in bold italic for 3.3-V LVTTL and 3.3-V LVCMOS
I/O standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com