| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 105 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 105 Page - Altera Corporation |
|
105 / 274 page ![]() Chapter 6: I/O Features in the Cyclone III Device Family 6–7 OCT Support July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 f For more information about the Cyclone III device family high-speed differential interface support, refer to the High-Speed Differential Interfaces in the Cyclone III Device Family chapter. OCT Support The Cyclone III device family features OCT to provide output impedance matching and termination capabilities. OCT helps to prevent reflections and maintain signal integrity while minimizing the need for external resistors in high pin-count ball grid array (BGA) packages. The Cyclone III device family provides output driver on-chip impedance matching and on-chip series termination for single-ended outputs and bidirectional pins. For bidirectional pins, OCT is active only for output. 1 When using on-chip series termination, programmable current strength is not available. There are two ways to implement OCT in the Cyclone III device family: ■ OCT with calibration ■ OCT without calibration Table 6–3 lists the I/O standards that support output impedance matching and series termination. Table 6–3. Selectable I/O Drivers for On-Chip Series Termination with and Without Calibration Setting I/O Standard On-Chip Series Termination with Calibration Setting, in ohms ( ) On-Chip Series Termination Without Calibration Setting, in ohms ( ) Row I/O Column I/O Row I/O Column I/O 3.0-V LVTTL/LVCMOS 50, 25 50, 25 50, 25 50, 25 2.5-V LVTTL/LVCMOS 50, 25 50, 25 50, 25 50, 25 1.8-V LVTTL/LVCMOS 50, 25 50, 25 50, 25 50, 25 1.5-V LVCMOS 50, 25 50, 25 50, 25 50, 25 1.2-V LVCMOS 50 50, 25 50 50, 25 SSTL-2 Class I 50 50 50 50 SSTL-2 Class II 25 25 25 25 SSTL-18 Class I 50 50 50 50 SSTL-18 Class II 25 25 25 25 HSTL-18 Class I 50 50 50 50 HSTL-18 Class II 25 25 25 25 HSTL-15 Class I 50 50 50 50 HSTL-15 Class II 25 25 25 25 HSTL-12 Class I 50 50 50 50 HSTL-12 Class II —25 — 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |