Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 106 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 106 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 102Page - Altera Corporation PLL1_C4 Datasheet HTML 103Page - Altera Corporation PLL1_C4 Datasheet HTML 104Page - Altera Corporation PLL1_C4 Datasheet HTML 105Page - Altera Corporation PLL1_C4 Datasheet HTML 106Page - Altera Corporation PLL1_C4 Datasheet HTML 107Page - Altera Corporation PLL1_C4 Datasheet HTML 108Page - Altera Corporation PLL1_C4 Datasheet HTML 109Page - Altera Corporation PLL1_C4 Datasheet HTML 110Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 274 page
background image
6–8
Chapter 6: I/O Features in the Cyclone III Device Family
OCT Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
On-Chip Series Termination with Calibration
The Cyclone III device family supports on-chip series termination with calibration in
all banks. The on-chip series termination calibration circuit compares the total
impedance of the output buffer to the external 25- ±1% or 50- ±1% resistors
connected to the RUP and RDN pins, and dynamically adjusts the output buffer
impedance until they match (as shown in Figure 6–2).
The RS shown in Figure 6–2 is the intrinsic impedance of the transistors that make up
the output buffer.
OCT with calibration is achieved using the OCT calibration block circuitry. There is
one OCT calibration block in banks 2, 4, 5, and 7. Each calibration block supports each
side of the I/O banks. Because there are two I/O banks sharing the same calibration
block, both banks must have the same VCCIO if both banks enable OCT calibration. If
two related banks have different VCCIOs, only the bank in which the calibration block
resides can enable OCT calibration.
Figure 6–2. Cyclone III Device Family On-Chip Series Termination with Calibration
Cyclone III Device Family
Driver Series Termination
Receiving
Device
VCCIO
RS
RS
ZO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com