Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 17 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 17 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 13Page - Altera Corporation PLL1_C4 Datasheet HTML 14Page - Altera Corporation PLL1_C4 Datasheet HTML 15Page - Altera Corporation PLL1_C4 Datasheet HTML 16Page - Altera Corporation PLL1_C4 Datasheet HTML 17Page - Altera Corporation PLL1_C4 Datasheet HTML 18Page - Altera Corporation PLL1_C4 Datasheet HTML 19Page - Altera Corporation PLL1_C4 Datasheet HTML 20Page - Altera Corporation PLL1_C4 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 274 page
background image
Chapter 1: Cyclone III Device Family Overview
1–5
Cyclone III Device Family Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 1–3 lists Cyclone III device family package sizes.
Table 1–4 lists Cyclone III device family speed grades.
Table 1–3. Cyclone III Device Family Package Sizes
Family
Package
Pitch (mm)
Nominal Area (mm2)
Length x Width (mm
 mm) Height (mm)
Cyclone III
E144
0.5
484
22
 22
1.60
M164
0.5
64
8
 8
1.40
P240
0.5
1197
34.6
 34.6
4.10
F256
1.0
289
17
 17
1.55
U256
0.8
196
14
 14
2.20
F324
1.0
361
19
 19
2.20
F484
1.0
529
23
 23
2.60
U484
0.8
361
19
 19
2.20
F780
1.0
841
29
 29
2.60
Cyclone III LS
F484
1.0
529
23
 23
2.60
U484
0.8
361
19
 19
2.20
F780
1.0
841
29
 29
2.60
Table 1–4. Cyclone III Device Family Speed Grades (Part 1 of 2)
Family
Device
E144
M164
P240
F256
U256
F324
F484
U484
F780
Cyclone III
EP3C5
C7, C8,
I7, A7
C7, C8,
I7
—
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
——
—
—
EP3C10
C7, C8,
I7, A7
C7, C8,
I7
—
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
——
—
—
EP3C16
C7, C8,
I7, A7
C7, C8,
I7
C8
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
—
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
—
EP3C25
C7, C8,
I7, A7
—C8
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
——
—
EP3C40
—
—
C8
—
—
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
C6, C7,
C8, I7, A7
C6, C7,
C8, I7
EP3C55
—
—
—
—
—
—
C6, C7,
C8, I7
C6, C7,
C8, I7
C6, C7,
C8, I7
EP3C80
—
—
—
—
—
—
C6, C7,
C8, I7
C6, C7,
C8, I7
C6, C7,
C8, I7
EP3C120
—
—
—
—
—
—
C7, C8, I7
—
C7, C8,
I7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com