| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 43 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 43 Page - Altera Corporation |
|
43 / 274 page ![]() Chapter 3: Memory Blocks in the Cyclone III Device Family 3–9 Memory Modes December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 3–8 shows timing waveforms for read and write operations in single-port mode with unregistered outputs. Registering the outputs of the RAM simply delays the q output by one clock cycle. Simple Dual-Port Mode Simple dual-port mode supports simultaneous read and write operations to different locations. Figure 3–9 shows the simple dual-port memory configuration. Cyclone III device family M9K memory blocks support mixed-width configurations, allowing different read and write port widths. Table 3–3 lists mixed-width configurations. Figure 3–8. Cyclone III Device Family Single-Port Mode Timing Waveforms clk_a wren_a address_a data_a rden_a q_a (old data) a0 a1 AB C D E F a0(old data) a1(old data) AB D E q_a (new data) AD BC E F Figure 3–9. Cyclone III Device Family Simple Dual-Port Memory (1) Note to Figure 3–9: (1) Simple dual-port RAM supports input or output clock mode in addition to the read or write clock mode shown. data[] wraddress[] wren byteena[] wr_addressstall wrclock wrclocken aclr rdaddress[] rden q[] rd_addressstall rdclock rdclocken Table 3–3. Cyclone III Device Family M9K Block Mixed-Width Configurations (Simple Dual-Port Mode) (Part 1 of 2) Read Port Write Port 8192 × 1 4096 × 2 2048 × 4 1024 × 8 512 × 16 256 × 32 1024 × 9 512 × 18 256 × 36 8192 × 1 v v v vvv —— — 4096 × 2 v v v vvv —— — 2048 × 4 v v v vvv —— — 1024 × 8 v v v vvv —— — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |