Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 74 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 74 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 70Page - Altera Corporation PLL1_C4 Datasheet HTML 71Page - Altera Corporation PLL1_C4 Datasheet HTML 72Page - Altera Corporation PLL1_C4 Datasheet HTML 73Page - Altera Corporation PLL1_C4 Datasheet HTML 74Page - Altera Corporation PLL1_C4 Datasheet HTML 75Page - Altera Corporation PLL1_C4 Datasheet HTML 76Page - Altera Corporation PLL1_C4 Datasheet HTML 77Page - Altera Corporation PLL1_C4 Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 274 page
background image
5–14
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Clock Feedback Modes
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Figure 5–10 shows a waveform example of the phase relationship of the PLL clocks in
this mode.
Zero Delay Buffer Mode
In zero delay buffer (ZDB) mode, the external clock output pin is phase-aligned with
the clock input pin for zero delay through the device. When using this mode, use the
same I/O standard on the input clock and output clocks to guarantee clock alignment
at the input and output pins.
Figure 5–11 shows an example waveform of the phase relationship of the PLL clocks
in ZDB mode.
Figure 5–10. Phase Relationship Between PLL Clocks in Normal Mode
Note to Figure 5–10:
(1) The external clock output can lead or lag the PLL internal clock signals.
PLL Reference
Clock at the Input pin
PLL Clock at the
Register Clock Port
External PLL Clock
Outputs
(1)
Phase Aligned
Figure 5–11. Phase Relationship Between PLL Clocks in ZDB Mode
PLL Reference Clock
at the Input Pin
PLL Clock
at the Register Clock Port
External PLL Clock Output
at the Output Pin
Phase Aligned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com