Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 89 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 89 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 85Page - Altera Corporation PLL1_C4 Datasheet HTML 86Page - Altera Corporation PLL1_C4 Datasheet HTML 87Page - Altera Corporation PLL1_C4 Datasheet HTML 88Page - Altera Corporation PLL1_C4 Datasheet HTML 89Page - Altera Corporation PLL1_C4 Datasheet HTML 90Page - Altera Corporation PLL1_C4 Datasheet HTML 91Page - Altera Corporation PLL1_C4 Datasheet HTML 92Page - Altera Corporation PLL1_C4 Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–29
PLL Reconfiguration
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
■
High time count = 2 cycles
■
Low time count = 1 cycle
■ rselodd
= 1 effectively equals:
■
High time count = 1.5 cycles
■
Low time count = 1.5 cycles
■
Duty cycle = (1.5/3)% high time count and (1.5/3)% low time count
Scan Chain Description
Cyclone III device family PLLs have a 144-bit scan chain.
Table 5–4 lists the number of bits for each component of the PLL.
Figure 5–22 shows the scan chain order of the PLL components.
Table 5–4. Cyclone III Device Family PLL Reprogramming Bits
Block Name
Number of Bits
Counter
Other
Total
C4 (1)
16
2 (2)
18
C3
16
2 (2)
18
C2
16
2 (2)
18
C1
16
2 (2)
18
C0
16
2 (2)
18
M16
2 (2)
18
N16
2 (2)
18
Charge Pump
9
0
9
Loop Filter (3)
90
9
Total number of bits:
144
Notes to Table 5–4:
(1) LSB bit for C4 low-count value is the first bit shifted into the scan chain.
(2) These two control bits include rbypass, for bypassing the counter, and rselodd, to select the output clock duty
cycle.
(3) MSB bit for loop filter is the last bit shifted into the scan chain.
Figure 5–22. PLL Component Scan Chain Order
DATAIN
C1
C2
C3
C4
DATAOUT
MSB
LF
CP
LSB
N
MC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com