| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 109 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 109 Page - Altera Corporation |
|
109 / 274 page ![]() Chapter 6: I/O Features in the Cyclone III Device Family 6–11 I/O Standards July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 6–5 shows the single-ended I/O standards for OCT without calibration. The RS shown is the intrinsic transistor impedance. All I/O banks and I/O pins support impedance matching and series termination. Dedicated configuration pins and JTAG pins do not support impedance matching or series termination. On-chip series termination is supported on any I/O bank. VCCIO and VREF must be compatible for all I/O pins to enable on-chip series termination in a given I/O bank. I/O standards that support different RS values can reside in the same I/O bank as long as their VCCIO and VREF are not conflicting. Impedance matching is implemented using the capabilities of the output driver and is subject to a certain degree of variation, depending on the process, voltage, and temperature. f For more information about tolerance specification, refer to the Cyclone III Device Data Sheet and Cyclone III LS Device Data Sheet chapters. I/O Standards The Cyclone III device family supports multiple single-ended and differential I/O standards. Apart from 3.3-, 3.0-, 2.5-, 1.8-, and 1.5-V support, the Cyclone III device family also supports 1.2-V I/O standards. Figure 6–5. Cyclone III Device Family On-Chip Series Termination Without Calibration Cyclone III Device Family Driver Series Termination Receiving Device VCCIO RS RS ZO GND |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |