| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 119 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 119 Page - Altera Corporation |
|
119 / 274 page ![]() Chapter 6: I/O Features in the Cyclone III Device Family 6–21 Pad Placement and DC Guidelines July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Pad Placement and DC Guidelines Pad Placement Altera recommends that you create a Quartus II design, enter your device I/O assignments, and compile your design to validate your pin placement. The Quartus II software checks your pin connections with respect to the I/O assignment and placement rules to ensure proper device operation. These rules are dependent on device density, package, I/O assignments, voltage assignments, and other factors that are not fully described in this chapter. f For more information about how the Quartus II software checks I/O restrictions, refer to the I/O Management chapter in volume 2 of the Quartus II Handbook. DC Guidelines For the Quartus II software to automatically check for illegally placed pads according to the DC guidelines, set the DC current sink or source value to Electromigration Current assignment on each of the output pins that are connected to the external resistive load. The programmable current strength setting has an impact on the amount of DC current that an output pin can source or sink. Determine if the current strength setting is sufficient for the external resistive load condition on the output pin. Document Revision History Table 6–7 lists the revision history for this document. Table 6–7. Document Revision History (Part 1 of 3) Date Version Changes July 2012 3.4 Updated OCT with or without calibration note in “Slew Rate Control” section, December 2011 3.3 ■ Updated Table 6–1 and Table 6–4. ■ Updated “Programmable Pull-Up Resistor” on page 6–5, “OCT Support” on page 6–7, and “I/O Standards” on page 6–11. ■ Updated hyperlinks. ■ Minor text edits. December 2009 3.2 Minor changes to the text. July 2009 3.1 Made minor correction to the part number. June 2009 3.0 Updated to include Cyclone III LS information ■ Updated chapter part number. ■ Updated “Introduction” on page 6–1, “PCI-Clamp Diode” on page 6–6, “On-Chip Series Termination Without Calibration” on page 6–10, “I/O Standards” on page 6–11, “I/O Banks” on page 6–16, “High-Speed Differential Interfaces” on page 6–20, and “External Memory Interfacing” on page 6–20. ■ Updated Table 6–6 on page 6–18. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |