Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 200 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 200 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 196Page - Altera Corporation PLL1_C4 Datasheet HTML 197Page - Altera Corporation PLL1_C4 Datasheet HTML 198Page - Altera Corporation PLL1_C4 Datasheet HTML 199Page - Altera Corporation PLL1_C4 Datasheet HTML 200Page - Altera Corporation PLL1_C4 Datasheet HTML 201Page - Altera Corporation PLL1_C4 Datasheet HTML 202Page - Altera Corporation PLL1_C4 Datasheet HTML 203Page - Altera Corporation PLL1_C4 Datasheet HTML 204Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 274 page
background image
9–42
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Figure 9–19 shows PS configuration for multi Cyclone III device family using a
MasterBlaster, USB-Blaster, ByteBlaster II, or ByteBlasterMV cable.
FPP Configuration
The FPP configuration in Cyclone III device family is designed to meet the increasing
demand for faster configuration time. Cyclone III device family is designed with the
capability of receiving byte-wide configuration data per clock cycle.
Figure 9–19. Multi-Device PS Configuration Using a USB-Blaster, MasterBlaster, ByteBlaster II,
ByteBlasterMV, or Ethernet Blaster Cable
Notes to Figure 9–19:
(1) The pull-up resistor must be connected to the same supply voltage as the VCCA supply.
(2) You only need the pull-up resistors on DATA[0] and DCLK if the download cable is the only configuration scheme
used on your board. This is to ensure that DATA[0] and DCLK are not left floating after configuration. For example, if
you are also using a configuration device, you do not need the pull-up resistors on DATA[0] and DCLK.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. In ByteBlasterMV,
this pin is a no connect. In USB-Blaster, ByteBlaster II, and Ethernet Blaster, this pin is connected to nCE when it is
used for AS programming. Otherwise, it is a no connect.
(4) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(5) The nCEO pin of the last device in the chain is left unconnected or used as a user I/O pin.
(6) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0] for
PS configuration schemes, refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(7) Power up the VCC of the ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5- V supply from VCCA.
Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable.
The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V from
the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
Cyclone III Device Family 1
Cyclone III Device Family 2
MSEL[3..0] (6)
nCE
nCONFIG
CONF_DONE
DCLK
nCE
nCEO
nCONFIG
CONF_DONE
DCLK
nCEO
GND
(Passive Serial Mode)
VCCA (7)
VCCA (1)
GND
VCCA (1)
VCCA (1)
nSTATUS
nSTATUS
DATA[0]
DATA[0]
MSEL[3..0]
(6)
Pin 1
Download Cable
10-Pin Male Header
N.C. (5)
VIO (3)
GND
VCCA (1)
(2)
VCCA (1)
(2)
VCCIO (4)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com