Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 225 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 225 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 221Page - Altera Corporation PLL1_C4 Datasheet HTML 222Page - Altera Corporation PLL1_C4 Datasheet HTML 223Page - Altera Corporation PLL1_C4 Datasheet HTML 224Page - Altera Corporation PLL1_C4 Datasheet HTML 225Page - Altera Corporation PLL1_C4 Datasheet HTML 226Page - Altera Corporation PLL1_C4 Datasheet HTML 227Page - Altera Corporation PLL1_C4 Datasheet HTML 228Page - Altera Corporation PLL1_C4 Datasheet HTML 229Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–67
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
nCE
N/A
All
Input
Active-low chip enable. The nCE pin activates the Cyclone III
device family with a low signal to allow configuration. The
nCE
pin must be held low during configuration, initialization,
and user-mode. In a single-device configuration, it must be
tied low. In a multi-device configuration, nCE of the first
device is tied low while its nCEO pin is connected to the nCE
pin of the next device in the chain. The nCE pin must also be
held low for successful JTAG programming of the device.
nCEO
N/A if
option is
on. I/O if
option is
off.
All
Output open
drain
Output that drives low when configuration is complete. In a
single-device configuration, you can leave this pin floating or
use it as a user I/O pin after configuration. In a multi-device
configuration, this pin feeds the nCE pin of the next device.
The nCEO of the last device in the chain is left floating or is
used as a user I/O pin after configuration.
If you use the nCEO pin to feed the nCE pin of the next device,
use an external 10-k
 pull-up resistor to pull the nCEO pin
high to the VCCIO voltage of its I/O bank to help the internal
weak pull-up resistor.
If you use the nCEO pin as a user I/O pin after configuration,
set the state of the pin on the Dual-Purpose Pin settings.
FLASH_nCE
,
nCSO (1), (2)
I/O
AS, AP (3)
Output
Output control signal from the Cyclone III device family to the
serial configuration device in AS mode that enables the
configuration device. This pin functions as the nCSO pin in AS
mode and the FLASH_NCE pin in AP mode.
Output control signal from the Cyclone III device to the
parallel flash in AP mode that enables the flash. Connects to
the CE# pin on the Micron P30 or P33 flash. (3)
This pin has an internal pull-up resistor that is always active.
DCLK (1), (2)
N/A
PS, FPP, AS,
AP (3)
Input (PS,
FPP). Output
(AS, AP (3))
In PS and FPP configuration, DCLK is the clock input used to
clock data from an external source into the target Cyclone III
device family. Data is latched into the device on the rising
edge of DCLK.
In AS mode, DCLK is an output from the Cyclone III device
family that provides timing for the configuration interface, it
has an internal pull-up resistor (typically 25 k
) that is
always active.
In AP mode, DCLK is an output from the Cyclone III device
that provides timing for the configuration interface. (3)
In active configuration schemes (AS or AP), this pin will be
driven into an inactive state after configuration completes.
Alternatively, in active schemes, you can use this pin as a
user I/O during user mode. In passive schemes (PS or FPP)
that use a control host, DCLK must be driven either high or
low, whichever is more convenient. In passive schemes, you
cannot use DCLK as a user I/O in user mode. Toggling this pin
after configuration does not affect the configured device
Table 9–22. Dedicated Configuration Pins on Cyclone III Device Family (Part 2 of 4)
Pin Name
User
Mode
Configuration
Scheme
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com