| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 231 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 231 Page - Altera Corporation |
|
231 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–73 Design Security August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 The Cyclone III LS design security feature provides routing architecture optimization for design separation flow with the Quartus II software. Design separation flow achieves both physical and functional isolation between design partitions. f For more information about the design separation flow, refer to AN 567: Quartus II Design Separation Flow. You can carry out secure configuration in Steps 1–3, as shown in Figure 9–31: 1. Generate the encryption key programming file and encrypt the configuration data. The Quartus II configuration software uses the user-defined 256-bit volatile keys to generate a key programming file and an encrypted configuration file. The encrypted configuration file is stored in an external memory, such as a flash memory or a configuration device. 2. Program the volatile key into the Cyclone III LS device. Program the user-defined 256-bit volatile keys into the Cyclone III LS device through the JTAG interface. 3. Configure the Cyclone III LS device. At system power-up, the external memory device sends the encrypted configuration file to the Cyclone III LS device. Available Security Modes There are several security modes available on Cyclone III LS devices, they are: ■ Volatile Key ■ No Key Operation ■ FACTORY Mode Volatile Key Secure operation with volatile key programmed and required external battery—this mode accepts both encrypted and unencrypted configuration bitstreams. Use the unencrypted configuration bitstream support for board-level testing only. Figure 9–31. Cyclone III LS Secure Configuration Flow (1) Note to Figure 9–31: (1) Step 1, Step 2, and Step 3 correspond to the procedure detailed in “Cyclone III LS Design Security Solution”. AES Decryptor FPGA Volatile Key Encrypted Configuration Data Encryption Key Programming File Encrypted Configuration Data Configuration Data Step 1. Generate the Encryption Key Programming File Encrypt Configuration Data and Store in External Memory Step 3. Configure the Cyclone III LS Device Using Encrypted Configuration Data Quartus II Step 2. Program Volatile Key into Cyclone III LS Device Volatile Key Volatile Key Storage Memory Storage Encrypted Configuration Data AES Encryptor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |