Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments AFE032 Datasheet HTML 22Page - Texas Instruments AFE032 Datasheet HTML 23Page - Texas Instruments AFE032 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
C1
From Line-Coupling Circuit
To RX_PGA1 Input
IN
RXPGA
R
f
C
1
1
2
1
K
K
K

5
C3
R3
L3
C4
R4
L4
Programmable
Filter
RX_PGA1
RX_PGA2_IN
RX_F_OUT
RX_PGA2_ OUT
RX_PGA1_IN
RX_PGA2
C1
From line-coupling circuit
or passive band-pass filter.
To ADC input of MCU.
330 :
C2
IN
RXPGA
R
f
C
1
1
2
1
u
u
u
S
)
1
(
2
1
2
2
:

u
u
u
k
R
f
C
IN
RXPGA
S
Inside the Device
RRXPGA2IN
RRXPGA1IN
1 k:
1 k:
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
The capacitors listed in Figure 14 should be rated to withstand the full AVDD power-supply voltage for CDAC and
PA_VS for CIN.
Rx Block
The Rx block consists of the Rx PGA1, Rx filter, and Rx PGA2. Both Rx PGA1 and Rx PGA2 are high-
performance programmable gain amplifiers that can be configured through the SPI interface.
Rx PGA1 can operate as either an attenuator or in gain. The Rx PGA1 gain steps are 0.125 V/V, 0.25 V/V, 0.5
V/V, 1 V/V, 2 V/V, 4 V/V, 8 V/V, 16 V/V, and 32 V/V. Gains are selectable with the RX_PGA1 gain bits (bits 7 to
4 in the REG_RXPGA_CFG register). Configuring the Rx PGA1 as an attenuator (at gains less than 1 V/V) is
useful for applications where large interference signals are present within the signal band. Attenuating the large
interference allows these signals to pass through the analog Rx signal chain without causing an overload; the
interference signal can then be processed and removed within the microprocessor as necessary. Similarly, if a
transmitter is located close to the receiver, gains less than 1 V/V may be needed.
The Rx PGA2 gain steps are 1 V/V, 4 V/V, and 16 V/V. Gains are selectable through the RX_PGA2 gain bits
(bits 3 to 1 in the REG_RXPGA_CFG register).
The Rx filter is a very low-noise, unity-gain, fourth-order, low-pass or band-pass filter. The Rx filter cutoff
frequency is selectable between the CENELEC (bands A, B, C, or D), ARIB, or FCC modes. The LPF band
select bits (bits 6 to 4 of the REG_HPF/LPF_REG register) determine the cutoff frequency for the LPF. The HPF
band select bits (bits 1 and 2 of the REG_HPF/LPF_REG register) set up the cutoff frequency of the HPF.
Recommended connections for the Rx signal chain are shown in Figure 15.
(1) For capacitor value C1, f is the desired lower cutoff frequency and RRXPAG1IN is the input resistance of RX_PGA1.
(2) For capacitor value C2, f is the desired lower cutoff frequency and RRXPAG2IN is the input resistance of RX_PGA2.
Figure 15. Recommended Connections for Rx Signal Chain
Figure 16 shows, a fourth-order, passive band-pass filter that is optional but recommended for applications with
high performance needs. The external passive band-pass filter removes unwanted, out-of-band signals from the
signal path, and it prevents such signals from reaching the active internal filters within the device.
(1) For capacitor value C1, f is the desired lower cutoff frequency and RRXPGA1IN is the input resistance of RX_PGA1.
Figure 16. Passive Band-Pass Rx Filter
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com