Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments AFE032 Datasheet HTML 22Page - Texas Instruments AFE032 Datasheet HTML 23Page - Texas Instruments AFE032 Datasheet HTML 24Page - Texas Instruments AFE032 Datasheet HTML 25Page - Texas Instruments AFE032 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
From Line-Coupling Circuit
C3
R3
L3
C4
R4
L4
Programmable
Filter
RX_PGA1
RX_PGA2_IN
RX_F_OUT
RX_PGA2_OUT
RX_PGA1_IN
RX_PGA2
C1
To ADC Input of MCU
330 :
C2
IN
RXPGA
R
f
C
1
1
2
1
u
u
u
S
)
1
(
2
1
2
2
:

u
u
u
k
R
f
C
IN
RXPGA
S
Inside the Device
RRXPGA2IN
RRXPGA1IN
1 k:
1 k:
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 17 shows the complete Rx signal path, including the optional passive band-pass filter.
(1) For capacitor value C1, f is the desired lower cutoff frequency and RRXPGA1IN is the input resistance of RX_PGA1.
(2) For capacitor value C2, f is the desired lower cutoff frequency and RRXPGA2IN is the input resistance of RX_PGA2.
Figure 17. Complete Rx Signal Path (with Optional Band-Pass Filter)
DAC Block and DSP Path
The AFE032 contains a digital signal processing (DSP) path that receives incoming DAC samples delivered from
an external processor, conditions each sample, and delivers these samples to a 12-bit DAC. The device serial
interface is used to write directly to the DSP path when the DAC pin (pin 7) is driven high. Use the following
sequence to write samples to the DAC:
•
Send a valid XCLK signal to the device (refer to the AFE032 Clock Requirements section for more details on
the XCLK signal).
•
Set CS low.
•
Wait 20 DAC_CLK cycles (refer to the AFE032 Clock Requirements section for more details on the
relationship between the XCLK frequency and DAC_CLK frequency).
•
Set the DAC pin (pin 7) high to configure the device in DAC mode.
•
Write a 12-bit word to DIN. (1) Note that the DAC register is left-justified.
•
Set CS high to indicate that the sample is entered.
Refer to the DAC Mode section for more details on using the device in DAC mode.
The full-scale DAC output swing equals the DAC_NRF voltage level. Table Table 4 shows the ideal dc DAC
output voltage for a given input code.
Table 4. Ideal DAC Output
INPUT CODE (Hex)
IDEAL DAC OUTPUT VOLTAGE (V)
7FF
DAC_NRF bias voltage
001
[(DAC_NRF bias voltage) / (212 – 1)] + (DAC_NRF bias voltage) / 2
000
(DAC_NRF bias voltage) / 2
FFF
[(DAC_NRF bias voltage) / 2] – (DAC_NRF bias voltage) / (212 – 1)
800
0
(1)
The only exception to the 12-bit DAC sample length is when using a 16-bit envelope. See the SPI Envelope Exception Case section for
more details.
DAC_NRF, PA_NRF, and TX_RX_NRF Blocks
The DAC_NRF, PA_NRF, and TX_RX_NRF blocks create biasing points used internally to the device. Each
reference divides its respective power-supply voltage with a precision resistive voltage divider. PA_NRF provides
a PA_VS / 2 voltage used for the PA; TX_RX_NRF provides an AVDD / 2 voltage used for the Tx PGA, Tx filter,
Rx PGA1, Rx filter, and Rx PGA2; and DAC_NRF provides an AVDD / 4.7 voltage used for the DAC. Each NRF
block has its output brought out to an external pin that can be used for filtering and noise reduction. These
capacitors are optional, but are recommended for best performance.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com