Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments AFE032 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
AFE032 Interrupts
The device contains three maskable interrupt signals: IFLAG_INT, TFLAG_INT, and DIG_ERR_INT. These
interrupt masks are set by default and can be changed by writing to the REG_FLAG_CTL register. The interrupt
masks are used to prevent any or all interrupt signals from commanding the active-low, open-drain interrupt pin
(INT). The REG_AFE_STATUS register contains the status of the three maskable interrupt signals; these signals
operate as follows:
IFLAG_INT: This interrupt is asserted when the PA goes to current limit mode for at least 16,384 DAC_CLK
cycles. If the PA goes to current limit mode but then falls out of current limit mode before 16,384 DAC_CLK
cycles have elapsed, then the IFLAG_INT is not set.
TFLAG_INT: This interrupt is asserted when the PA goes to overtemperature mode.
DIG_ERR_INT: This interrupt is a logical OR of all of individual interrupt vectors located in the
REG_DIG_ERR register. See the Digital Interrupt Bits section and Table 26 for more detalis.
Note that reading the REG_AFE_STATUS register resets the IFLAG_INT and TFLAG_INT bits. Similarly, reading
the REG_DIG_ERR register resets all of its bits. Note that the DIG_ERR_INT bit is not reset until the
REG_DIG_ERR register is read.
Digital Interrupt Bits
The device can identify certain errors that may be caused because of improper programming or clocking. These
errors are: AFIFO overflow, SPI write address fail, SPI illegal access, and SPI address error.
An AFIFO overflow error occurs if the ASYNCH FIFO used to convert DAC samples from the SPI to the DAC
clock domain has overflowed. This error indicates that the external DSP is transmitting DAC samples at a rate
(fS) higher than the maximum capability of the device DSP path for the current configuration. Refer to the SPI
Clock To DAC Clock Synchronization section for details on the proper selection of fS and XCLK.
An SPI write address fail error occurs when a read-only register is attempted to be written to. An SPI illegal
access error occurs when a reserved SPI register is attempted to be written to.
An SPI address error occurs when an SPI register is attempted to be accessed incorrectly. This error is caused
by several reasons: if a reserved SPI register is attempted to be written to, if an SPI register is attempted to be
accessed with an incorrect address (that is, an address that does not exist in Table 13), or if a read-only register
is attempted to be written to.
Initialization Sequence
The following initialization sequence must be performed (in addition to the sequence described in the Power-Up
Sequence section) to ensure the device is ready for communication to the power line each time power is applied
to the device and each time after a soft reset is performed:
Ensure the shutdown pin is low.
Ensure a valid XCLK signal is present.
Configure the device in SPI mode by taking the DAC pin low.
Wait for at least 65,536 XCLK cycles.
Enable the PA_NRF, TX_RX_NRF, and DAC_NRF blocks.
Configure the two programmable clock dividers.
Select the Tx filter band.
Set the Enable assist bit (bit 7 in the REG_HPF/LPF_CFG register).
Select which block in the digital path is used and which is bypassed.
If block 4 is included, program the block 4 parameter of the DSP path.
Set the Tx PGA, Rx PGA 1, and Rx PGA 2 gains.
Enable the low-pass filter (LPF) and high-pass filter (HPF) according to the application requirements by
writing to the REG_DAC/HPF/LPF/PA_CTL register. Make sure to enable the filter bias (bit 5 of the
REG_DAC/HPF/LPF/PA_CTL register).
Enable the DAC block by writing to register REG_DAC/HPF/LPF/PA_CTL (do not set the DAC pin high; just
enable the DAC block to ensure the block is ready when the device is configured for transmission).
Wait for two seconds to ensure all voltage references and signal path capacitors reach a steady state.
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com