Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 43Page - Texas Instruments AFE032 Datasheet HTML 44Page - Texas Instruments AFE032 Datasheet HTML 45Page - Texas Instruments AFE032 Datasheet HTML 46Page - Texas Instruments AFE032 Datasheet HTML 47Page - Texas Instruments AFE032 Datasheet HTML 48Page - Texas Instruments AFE032 Datasheet HTML 49Page - Texas Instruments AFE032 Datasheet HTML 50Page - Texas Instruments AFE032 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Table 24. REG_AFE_STATUS Register (Address = 0Ah)
7
6
5
4
3
2
1
0
IFLAG_INT
TFLAG_INT
Reserved
DIG_ERR_INT
Reserved
R0
R0
R0
R
R
LEGEND: R/W = read and write; R = read-only; R0 = read '0' (these bits reset to '0' after being read).
Bit 7
IFLAG_INT
This bit is set when the PA enters the current limit state for at least 16,384 DAC_CLK cycles. This interrupt is
cleared after being read.
0 = PA current limit not detected (default)
1 = PA current limit detected
Bit 6
TFLAG_INT
This bit is set when the PA enters the thermal limit state. This interrupt is cleared after being read.
0 = PA thermal limit not detected (default)
1 = PA thermal limit detected
Bit 5
Reserved
This bit is reserved.
Default = 0
Bit 4
DIG_ERR_INT
This bit is set when a digital error is detected. The REG_DIG_ERROR register must be read in order to clear this
interrupt.
0 = Digital errors not detected (default)
1 = Digital errors detected
Bits[3:0]
Reserved
These bits are reserved.
Default = not applicable
Table 25. RESERVED Registers (Address = 0Bh to 0Ch)
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R = read-only.
These registers are reserved.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com