Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 42Page - Texas Instruments AFE032 Datasheet HTML 43Page - Texas Instruments AFE032 Datasheet HTML 44Page - Texas Instruments AFE032 Datasheet HTML 45Page - Texas Instruments AFE032 Datasheet HTML 46Page - Texas Instruments AFE032 Datasheet HTML 47Page - Texas Instruments AFE032 Datasheet HTML 48Page - Texas Instruments AFE032 Datasheet HTML 49Page - Texas Instruments AFE032 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Table 22. REG_VREF/ZEROX Register (Address = 08h)
7
6
5
4
3
2
1
0
Zero-cross1
Zero-cross2
Zero-cross3
PA_NRF
TX_RX_NRF
DAC_NRF
Reserved
detect enable
detect enable
detect enable
enable
enable
enable
R/W
R/W
R/W
R/W
R/W
R/W
R
LEGEND: R/W = read and write; R = read-only.
Bit 7
Zero-cross1 detect enable
This bit enables and disables the zero-crossing 1 detector.
0 = Disabled (default)
1 = Enabled
Bit 6
Zero-cross2 detect enable
This bit enables and disables the zero-crossing 2 detector.
0 = Disabled (default)
1 = Enabled
Bit 5
Zero-cross3 detect enable
This bit enables and disables the zero-crossing 3 detector.
0 = Disabled (default)
1 = Enabled
Bit 4
PA_NRF enable
This bit enables and disables the PA noise-reducing filter (NRF) and internal reference bias generator. For normal
operation, this bit is enabled. This bit is disabled during operational conditions requiring maximum power savings.
The device cannot transmit when this bit is disabled.
0 = Disabled (default)
1 = Enabled
Bit 3
TX_RX_NRF enable
This bit enables and disables the Tx and Rx NRF and internal reference bias generator. For normal operation, this
bit is enabled. This bit is disabled during operational conditions requiring maximum power savings. The device
cannot transmit or receive when this bit is disabled.
0 = Disabled (default)
1 = Enabled
Bit 2
DAC_NRF enable
This bit enables and disables the DAC NRF and internal reference bias generator. For normal operation, this bit is
enabled. This bit is disabled during operational conditions requiring maximum power savings. The device cannot
transmit when this bit is disabled.
0 = Disabled (default)
1 = Enabled
Bits[1:0]
Reserved
These bits are reserved.
Default = 0
Table 23. RESERVED Register (Address = 09h)
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R = read-only.
This register is reserved. Default = 18h
46
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com