Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 44Page - Texas Instruments AFE032 Datasheet HTML 45Page - Texas Instruments AFE032 Datasheet HTML 46Page - Texas Instruments AFE032 Datasheet HTML 47Page - Texas Instruments AFE032 Datasheet HTML 48Page - Texas Instruments AFE032 Datasheet HTML 49Page - Texas Instruments AFE032 Datasheet HTML 50Page - Texas Instruments AFE032 Datasheet HTML 51Page - Texas Instruments AFE032 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Table 26. REG_DIG_ERROR Register (Address = 0Dh)
7
6
5
4
3
2
1
0
SPI write
SPI illegal
SPI address
Reserved
Reserved
AFIFO overflow
Reserved
address fail
access
error
R0
R0
R0
R0
R0
R0
R
LEGEND: R = read-only; R0 = read '0' (these bits reset to '0' after being read).
This register is comprised of digital logic error detection bits. All bits are reset to '0' when read.
Bits[7:6]
Reserved
Reserved
Default = 0
Bit 5
AFIFO overflow
SPI and DAC ASYNCH FIFO overflow.
0 = Normal operation (default)
1 = Error detected
Bit 4
SPI write address fail
An error indicates that a read-only register was attempted to be written to.
0 = Normal operation (default)
1 = Error detected
Bit 3
SPI illegal access
An error indicates that a register reserved for factory testing and trimming was attempted to be written to.
0 = Normal operation (default)
1 = Error detected
Bit 2
SPI address error
An error indicates that either a nonexistent register, a reserved register, or a read-only register was attempted to be
written to.
0 = Normal operation (default)
1 = Error detected
Bits 1:0
Reserved
These bits are reserved.
Default = 0
Table 27. REG_ID Register (Address = 0Eh)
7
6
5
4
3
2
1
0
Die_ID
Revision
Reserved
R
R
R
LEGEND: R = read-only.
Bits[7:6]
Die_ID
These bits are the die identification.
Default = 0
Bits[5:3]
Revision
These bits are the revision indicator.
Default = 0
Bits[2:0]
Reserved
These bits are reserved.
Default = 0
48
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com