Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 59Page - Texas Instruments AFE032 Datasheet HTML 60Page - Texas Instruments AFE032 Datasheet HTML 61Page - Texas Instruments AFE032 Datasheet HTML 62Page - Texas Instruments AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments AFE032 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
+
+
N1
N2
Phase
Neutral
Low-Voltage
Capacitor
High-Voltage
Capacitor
L
Power
Amplifier
0.1 F
m
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
TMP411
D+
D-
V+
1
8
7
6
4
5
3
2
GND
SCL
SDA
ALERT/THERM2
THERM
+3.3 V
SMBus
Controller
Overtemperature
Fault
50 pF
50 W
TSENSE
AFE032
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
TSENSE (Pin 35)
The TSENSE pin is internally connected to the anode of a temperature-sensing diode located within the PA
output stage. Figure 26 shows a remote junction temperature sensor circuit that can be used to measure the
device junction temperature. Measuring the device junction temperature is optional and is not required.
Figure 26. Interfacing the TMP411 to the AFE032
TX_FLAG (Pin 47)
The TX_FLAG pin is an open-drain output that indicates the readiness of the Tx signal path for transmission.
When the TX_FLAG pin is high, the transmit signal path is enabled and ready for transmission. When the
TX_FLAG pin is low, the transmit path is not ready for transmission.
RX_FLAG (Pin 48)
The RX_FLAG pin is an open-drain output that indicates the readiness of the Rx signal path for transmission.
When the RX_FLAG pin is high, the transmit signal path is enabled and ready for transmission. When the
RX_FLAG pin is low, the transmit path is not ready for transmission.
LINE-COUPLING CIRCUIT
The line-coupling circuit is one of the most critical circuits in a power-line modem. The line-coupling circuit has
two primary functions: first, to block the low-frequency signal of the mains (commonly 50 Hz or 60 Hz) from
damaging the low-voltage modem circuitry; second, to couple the modem signal to and from the ac mains. A
typical line-coupling circuit is shown in Figure 27.
Figure 27. Simplified Line-Coupling Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com