Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
DSP Path State Retention
By default, blocks 1 through 4 of the DSP path retain their states in between DAC sample bursts (when DAC
mode is deasserted). This default implementation functions best for most applications provided that all DAC
sample bursts end with at least 24 samples of midrange values. These 24 samples provide a smooth transition to
SPI mode. The default implementation can be altered by changing the DSP_CFG bit of the REG_AUX_CTL
register (see the Register Map section).
DAC Sample Clipping and Bias
The device provides the ability to clip DAC samples at the last stage of digital processing. An additional offset
may be added to the clipped DAC sample at the user's discretion. The clipping circuit operates in the following
manner:
•
Program the device with an 11-bit clip value on the REG_CLIP0 and REG_CLIP1 registers.
•
Program the device with an 11-bit clip offset value on the REG_CLIP_OFFSET0 and REG_CLIP_OFFSET1
registers.
•
The programmed clip and offset values are not signed.
•
The device digital logic compares the 11-bit magnitude of the DAC sample from the DSP path to the clip
value.
•
If the magnitude of the DAC sample is greater than the clip value, then the final DAC sample equals the clip
value minus the offset value.
•
If the magnitude of the DAC sample is less than the clip value, then the final DAC sample is unchanged.
AFE032 Reset Options
The device has two main types of reset mechanisms available. These reset options are hardware invoked and
software invoked.
External Reset and Analog Shutdown Mode
The device can be disabled by asserting the external SD pin. Asserting the external SD pin causes the device
digital logic to reset and also causes the analog module to shut down. Asserting the external SD pin disables the
DAC clock and the entire device is disabled. Adhere to the following protocol when asserting the external SD pin:
•
Assert the SD pin for at least 1 µs.
•
Make sure that the device receives a valid XCLK clock before, during, and after the SD pin is asserted.
When the SD pin is deasserted, a valid XCLK signal must be sent to the device for at least 65,536 cycles. The
device must be reprogrammed because all control registers are now reset.
Software Reset Options
Two types of software resets can be applied to the device digital logic: soft reset and sticky reset. Soft reset and
sticky reset create a reset pulse that is eight DAC_CLK cycles wide for the internal logic. These two reset
commands are controlled by the REG_AFE032_CTL register. Sticky reset preserves all SPI register settings. In
order to properly use the sticky reset, the values of all other control bits in the REG_AFE032_CTL register must
be read and noted before asserting the sticky reset bit. Whatever is written to the REG_AFE032_CTL register is
latched when performing a sticky reset. A soft reset, on the other hand, brings all device digital circuits to their
default states.
After a soft reset or sticky reset is performed, a valid XCLK signal must be sent to the device for at least 65,536
cycles. The device must be reprogrammed because all control registers are now reset (with the exception of the
REG_AFE032_CTL register bits in the case of a sticky reset).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com