Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 27Page - Texas Instruments AFE032 Datasheet HTML 28Page - Texas Instruments AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Refer to Figure 22 for the block diagram of the AFE032 DSP path. Bits 1 though 4 of the REG_AFE032_CTRL
register determine which blocks are included in the DSP path and which are bypassed. The default values of
these bits is '0' and all four blocks are included in the DSP path when the device is powered up.
Block 3 of the DSP path operates synchronously with DAC_CLK and interpolates (by a factor of four) the signals
coming from the ASYNCH FIFO. Such interpolation requires that samples stored in the ASYNCH FIFO be
extracted no faster than one time every four DAC_CLK cycles; such interpolation also imposes an upper bound
to fS. The external DSP must send samples to the device at a rate less than or equal to one-fourth the DAC_CLK
frequency [that is, fS ≤ (DAC_CLK / 4)].
Block 4 should be used to improve performance in two cases:
•
When block 3 is included in the DSP path and fS is strictly less than one-fourth the DAC_CLK frequency [that
is, fS < (DAC_CLK / 4)].
•
When block 3 is bypassed (not included in the DSP path) and fS is strictly less than the DAC_CLK frequency
(that is, fS < DAC_CLK).
For these two cases, block 4 should be used and its 32-bit parameter should be written to the REG_OFFSET0,
REG_OFFSET1, REG_OFFSET2, and REG_OFFSET3 registers. This section describes four typical scenarios
that can be found in most applications.
Block 3 and Block 4 Are Bypassed
If an external DSP transmits DAC samples to the device at a rate equal to the DAC_CLK frequency (that is, fS =
DAC_CLK), then both block 3 and block 4 should be bypassed. Write a '0' to bits 1 to 4 of the
REG_AFE032_CTRL register. A parameter for block 4 does not need to be calculated or written. Table 9 shows
examples of this scenario.
Table 9. Example Cases of Bypassed Blocks 3 and 4
fS
XCLK
XCLK
DAC_CLK
(kSPS)
(MHz)
DIVIDER
REG_CLK_DIV (Hex)
(MHz)
BLOCK 3
BLOCK 4
500
37.5
75
4E
0.5
Bypassed
Bypassed
800
19.2
24
27
0.8
Bypassed
Bypassed
Block 3 Is Included, Block 4 Is Bypassed
If an external DSP transmits DAC samples to the device at a rate equal to one-fourth the DAC_CLK frequency
[that is, fS = (DAC_CLK / 4)], then block 3 is included and block 4 is bypassed. Write a '0' to bits 1, 2, and 4 and
write a '1' to bit 3 of the REG_AFE032_CTRL register. A parameter for block 4 does not need to be calculated or
written. Table 10 shows examples of this scenario.
Table 10. Example Cases of Block 3 Included and Block 4 Bypassed
fS
XCLK
XCLK
DAC_CLK
(MSPS)
(MHz)
DIVIDER
REG_CLK_DIV (Hex)
(MHz)
BLOCK 3
BLOCK 4
1.2
19.2
4
03
4.8
Included
Bypassed
0.625
37.5
15
0E
2.5
Included
Bypassed
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com