Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 61Page - Texas Instruments AFE032 Datasheet HTML 62Page - Texas Instruments AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments AFE032 Datasheet HTML 67Page - Texas Instruments AFE032 Datasheet HTML 68Page - Texas Instruments AFE032 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Table 79 and Table 80 list several recommended transient protection components.
Table 79. Recommended Transient Protection Devices (120 VAC, 60 Hz)
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO (OR EQUIVALENT)
D1
Zener diode
Diodes, Inc.
1SMB59xxB(1)
D2, D3
Schottky diode
Diodes, Inc.
B340A
TVS
Transient voltage suppressor
Littelfuse, Inc.
SMCJxxCA(2)
MOV
Varistor
Littelfuse, Inc.
TMOV20RP140E
HV capacitor
High-voltage capacitor
Illinois Capacitor, Inc
474MKP275KA(3)
(1)
Select the zener breakdown voltage at the lowest available rating beyond the normal power-supply operating range. For example,
1SMB5931B is suitable for systems where PA_VS = 15 V, whereas 1SMB5934B is suitable for systems where PA_VS = 20 V.
(2)
Select the TVS breakdown voltage at or slightly less than (0.5 × PA_VS). For example, SMCJ6.0CA is suitable for systems where
PA_VS = 15 V, whereas SMCJ8.0CA is suitable for systems where PA_VS = 20 V.
(3)
A common value for the high-voltage capacitor is 470 nF. Other values may be substituted depending on the appliction requirements.
Note that when making a substitution, for reliability, the capacitor must be selected from the same family or an equivalent family of
capacitors rated to withstand high-voltage surges on the power line.
Table 80. Recommended Transient Protection Devices (240 VAC, 50 Hz)
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO (OR EQUIVALENT)
D1
Zener diode
Diodes, Inc.
1SMB59xxB(1)
D2, D3
Schottky diode
Diodes, Inc.
B340A
TVS
Transient voltage suppressor
Littelfuse, Inc.
SMCJxxCA(2)
MOV
Varistor
Littelfuse, Inc.
TMOV20RP300E
HV capacitor
High-voltage capacitor
Illinois Capacitor, Inc
474MKP275KA(3)
(1)
Select the zener breakdown voltage at the lowest available rating beyond the normal power-supply operating range. For example,
1SMB5931B is suitable for systems where PA_VS = 15 V, whereas 1SMB5934B is suitable for systems where PA_VS = 20 V.
(2)
Select the TVS breakdown voltage at or slightly less than (0.5 × PA_VS). For example, SMCJ6.0CA is suitable for systems where
PA_VS = 15 V, whereas SMCJ8.0CA is suitable for systems where PA_VS = 20 V.
(3)
A common value for the high-voltage capacitor is 470 nF. Other values may be substituted depending on the appliction requirements.
Note that when making a substitution, for reliability, the capacitor must be selected from the same family or an equivalent family of
capacitors rated to withstand high-voltage surges on the power line.
THERMAL CONSIDERATIONS
In a typical power-line communications application, the device dissipates 2 W of power when transmitting to the
low-impedance ac line. This amount of power dissipation can increase the junction temperature, which in turn
can lead to a thermal overload that results in signal transmission interruptions if the PCB thermal design is not
implemented properly. Proper management of heat flow from the device as well as good PCB design and
construction are required to ensure proper device temperature, maximize performance, and extend device
operating life.
The device is assembled in a 7-mm x 7-mm, QFN-48 package. As Figure 29 shows, this QFN package has a
large-area exposed thermal pad on the underside that is used to conduct heat away from the device and to the
underlying PCB.
Figure 29. QFN Package with Large-Area Exposed Thermal Pad
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com