Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE032 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments AFE032 Datasheet HTML 38Page - Texas Instruments AFE032 Datasheet HTML 39Page - Texas Instruments AFE032 Datasheet HTML 40Page - Texas Instruments AFE032 Datasheet HTML 41Page - Texas Instruments AFE032 Datasheet HTML 42Page - Texas Instruments AFE032 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Register Description
Table 14. REG_AFE032_CTL Register (Address = 00h)
7
6
5
4
3
2
1
0
Soft reset
Sticky reset
Reserved
Bypass Block 4
Bypass Block 3
Bypass Block 2
Bypass Block 1
DAC SPI select
R0/W
R0/W
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = read and write; R0/W = read '0' and write (these bits always reset to '0' after being written); R = read-only.
Bit 7
Soft reset
This bit creates a reset pulse to all AFE digital circuits and control registers. This bit is self resetting.
0 = Normal operation (default)
1 = Reset
Bit 6
Sticky reset
This bit resets all AFE digital circuits except the SPI registers. The SPI registers maintain all currently programmed
values. This bit is self resetting.
0 = Normal operation (default)
1 = Reset
Bit 5
Reserved
This bit is reserved.
Default = 0.
Bit 4
Bypass Block 4
This bit determines if block 4 is included in the signal path.
0 = Include block 4 (default)
1 = Bypass block 4
Bit 3
Bypass Block 3
This bit determines if block 3 is included in the signal path.
0 = Include block 3 (default)
1 = Bypass block 3
Bit 2
Bypass Block 2
This bit determines if block 2 is included in the signal path.
0 = Include block 2 (default)
1 = Bypass block 2
Bit 1
Bypass Block 1
This bit determines if block 1 is included in the signal path.
0 = Include block 1 (default)
1 = Bypass block 1
Bit 0
DAC SPI select
This bit sets the 12-bit DAC sample in either a 16-bit SCLK envelope or a 12-bit SCLK envelope.
0 = 12-bit DAC burst (default)
1 = 16-bit DAC burst
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com