Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 20Page - Advanced Micro Devices AM79C940 Datasheet HTML 21Page - Advanced Micro Devices AM79C940 Datasheet HTML 22Page - Advanced Micro Devices AM79C940 Datasheet HTML 23Page - Advanced Micro Devices AM79C940 Datasheet HTML 24Page - Advanced Micro Devices AM79C940 Datasheet HTML 25Page - Advanced Micro Devices AM79C940 Datasheet HTML 26Page - Advanced Micro Devices AM79C940 Datasheet HTML 27Page - Advanced Micro Devices AM79C940 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
AMD
24
Am79C940
EAM/R
External Address Match/Reject
(Input)
The incoming frame will be received dependent on the
receive operational mode of the MACE device, and the
polarity of the
EAM/R pin. The EAM/R pin function is
programmed by use of the M/
R bit in the Receive Frame
Control register. If the bit is set, the pin is configured as
EAM. If the bit is reset, the pin is configured as EAR.
EAM/R can be asserted during packet reception to ac-
cept or reject packets based on an external address
comparison.
SRDCLK
Serial Receive Data Clock
(Input/Output)
The Serial Receive Data (SRD) output is synchronous
to SRDCLK running at the 10MHz receive data clock fre-
quency. The pin is configured as an input, only when the
GPSI port is selected. Note that when the 10BASE-T
port is selected, transition on SRDCLK will only occur
during receive activity. When the AUI or DAI port is se-
lected, transition on SRDCLK will occur during both
transmit and receive activity.
SRD Configuration
PORTSEL
SLEEP
[1–0]
ENPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
SRD Output
1
01
1
10BASE-T
SRD Output
1
10
1
DAI Port
SRD Output
1
11
1
GPSI
SRD Output
1
XX
0
Status Disabled
High Impedance
Note: PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
SRDCLK Configuration
PORTSEL
SLEEP
[1–0]
ENPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
SRDCLK Output
1
01
1
10BASE-T
SRDCLK Output
1
10
1
DAI Port
SRDCLK Output
1
11
1
GPSI
SRDCLK Input
1
XX
0
Status Disabled
High Impedance (Note 2)
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com