Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 48Page - Advanced Micro Devices AM79C940 Datasheet HTML 49Page - Advanced Micro Devices AM79C940 Datasheet HTML 50Page - Advanced Micro Devices AM79C940 Datasheet HTML 51Page - Advanced Micro Devices AM79C940 Datasheet HTML 52Page - Advanced Micro Devices AM79C940 Datasheet HTML 53Page - Advanced Micro Devices AM79C940 Datasheet HTML 54Page - Advanced Micro Devices AM79C940 Datasheet HTML 55Page - Advanced Micro Devices AM79C940 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
AMD
52
Am79C940
(nominal 10 MHz sequence) to be returned via the CI
±
pair, within a 40 network bit time period after DI
± goes
inactive. If the CI
± input is not asserted within the 40 net-
work bit time period following the completion of trans-
mission, then the MACE device will set the CERR bit (bit
5) in the Interrupt Register. The
INTR pin will be acti-
vated if the corresponding mask bit CERRM = 0.
When the GPSI port is selected, the MACE device will
expect the CLSN input pin to be asserted 40 bit times af-
ter the transmission has completed (after TXEN output
pin has gone inactive). When the DAI port has been se-
lected, the CERR bit will not be reported. A transceiver
connected via the DAI port is not expected to support
the SQE Test Message feature.
Host related transmit exception conditions include:
(a) Overflow caused by excessive writes to the Trans-
mit FIFO (
DTV will not be issued if the Transmit
FIFO is full).
(b) Underflow caused by lack of host writes to the
Transmit FIFO.
(c) Not reading current Transmit Frame Status.
(a) The host may continue to write to the Transmit FIFO
after the
TDTREQ has been de-asserted, and can safely
do so on the basis of knowledge of the number of free
bytes remaining (set by XMTFW in the FIFO
Configuration Control register). If however the host sys-
tem continues to write data to the point that no additional
FIFO space exists, the MACE device will not return the
DTV signal and hence will effectively not acknowledge
acceptance of the data. It is the host’s responsibility to
ensure that the data is re-presented at a future time
when space exists in the Transmit FIFO, and to track the
actual data written into the FIFO.
(b) If the host fails to respond to the
TDTREQ from the
MACE device before the Transmit FIFO is emptied, a
FIFO underrun will occur. The MACE device will in this
case terminate the network transmission in an orderly
sequence. If less than 512 bits have been transmitted
onto the network the transmission will be terminated im-
mediately, generating a runt packet. If greater than 512
bits have been transmitted, the message will have the
current CRC inverted and appended at the next byte
boundary, to guarantee an FCS error is detected at the
receiving station. The MACE device will report this con-
dition to the host by de-asserting the
TDTREQ pin, set-
ting the UFLO and XMTSV bits (in the Transmit Frame
Status) and the XMTINT bit (in the Interrupt Register),
and asserting the
INTR pin providing the corresponding
XMTINTM bit (in the Interrupt Mask Register) is cleared.
Once the XMTINT condition has been externally recog-
nized, the Transmit Frame Counter (XMTFC) can be
read to determine whether the tail end of the frame that
suffers the UFLO error is still in the host memory (i.e.,
when XMTFC = 0). In the case of FIFO underrun, this
will definitely be the case and the host is responsible for
ensuring that the tail end of the frame does not get writ-
ten into the FIFO and does not get transmitted as a
whole frame. It is recommended that the host clear the
tail end of the frame from the host memory before re-
questing the XMTFS read so that after the XMTFS read,
when the MACE device re-asserts
TDTREQ, the tail end
of the frame does not get written into the FIFO. The
Transmit Frame Status read will indicate that the UFLO
error occurred. The read operation on the Transmit
Frame Status will update the FIFO read and write point-
ers and the entire transmit path will be reset (which will
update the Transmit FIFO watermark with the current
XMTFW value in the FIFO Configuration Control regis-
ter).
TDTREQ will not be re-asserted until the Transmit
Frame Status has been read.
(c) The MACE device will internally store the Transmit
Frame Status for up to two packets. If the host fails to
read the Transmit Frame Status and both internal
entries become occupied, the MACE device will not
commence any subsequent transmit frames to prevent
overwriting of the internally stored values. This will
occur regardless of the number of bytes written to the
Transmit FIFO.
RECEIVE OPERATION
The receive operation and features of the MACE device
are controlled by programmable options. These options
are programmed through the BIU, FIFO and MAC Con-
figuration Control registers.
Parameters controlled by the MAC Configuration Con-
trol register are generally programmed only once, dur-
ing initialization, and are therefore static during the
normal operation of the MACE device (see the Media
Access Control section for a detailed description). The
features controlled by the FIFO Configuration Control
register and the Receive Frame Control register can be
programmed without performing a reset on the part. The
host is responsible for ensuring that no data is present in
the Receive FIFO when re-programming the receive
attributes.
Receive FIFO Read
The Receive FIFO is accessed by performing a host
generated read sequence on the MACE device. See the
Slave Access Operation-Read Access section and the
AC Waveforms section, Host System Interface, figures:
”2 Cycle Receive FIFO/Register Read Timing” and ”3
Cycle Receive FIFO/Register Read Timing” for details
of the read access timing.
Note that
EOF will be asserted by the MACE device dur-
ing the last data byte/word transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com