Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 58Page - Advanced Micro Devices AM79C940 Datasheet HTML 59Page - Advanced Micro Devices AM79C940 Datasheet HTML 60Page - Advanced Micro Devices AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
AMD
62
Am79C940
vated if the corresponding mask
bit BABLM = 0.
BABL is READ/CLEAR only, and
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by activa-
tion of the
RESET pin or SWRST
bit.
Bit 5
CERR
Collision Error. CERR indicates
the absence of the Signal Quality
Error Test (SQE Test) message
after a packet transmission. The
SQE Test message is a trans-
ceiver test feature. Detection de-
pends on the MACE network
interface selected. In all cases,
CERR will be set if the MACE de-
vice failed to observe the SQE
Test message within 20 network
bit times after the packet trans-
mission ended. When CERR is
set, the
INTR pin will be activated
if the corresponding mask bit
CERRM = 0.
When the AUI port is selected,
the SQE Test message is re-
turned over the CI
± pair as a brief
(5–15 bit times) burst of 10 MHz
activity. When the 10BASE-T
port is selected, CERR will be re-
ported after a transmission only
when the internal transceiver is in
the link fail state (
LNKST pin =
HIGH). When the GPSI port is
selected, the CLSN pin must be
asserted by the external en-
coder/decoder to provide the
SQE Test function. When the
DAI port is selected, CERR will
not be reported at any time.
CERR is READ/CLEAR only. It is
set by the MACE and reset when
read. Writing has no effect. It is
also cleared by activation of the
RESET pin or SWRST bit.
Bit 4
RCVCCO
Receive Collision Count Over-
flow. Indicates that the Receive
Collision Count register rolled
over at a value of 255 receive col-
lisions. Receive collisions are de-
fined as received frames which
suffered a collision. The
INTR pin
will be activated if the corre-
sponding mask bit RCVCCOM =
0. Note that the RCVCC value re-
turned in the Receive Frame
Status (RFS3) will freeze at a
value of 255, whereas this regis-
ter based version of RCVCC
(REG ADDR 27) is free running.
RCVCCO is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by assert-
ing the
RESET pin or SWRST bit.
Bit 3
RNTPCO
Runt Packet Count Overflow. In-
dicates that the Runt Packet
Count register rolled over at a
value of 255 runt packets. Runt
packets are defined as received
frames which passed the internal
address match criteria but did not
contain a minimum of 64-bytes of
data after SFD. The
INTR pin will
be activated if the correspond-
ing mask bit RNTPCOM = 0.
Note that the RNTPC value re-
turned in the Receive Frame
Status (RFS2) will freeze at a
value of 255, whereas this regis-
ter based version of RNTPC
(REG ADDR 26) is free running.
RNTPCO is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by assert-
ing the
RESET pin or SWRST bit.
Bit 2
MPCO
Missed Packet Count Overflow.
Indicates that the Missed Packet
Count register rolled over at a
value of 255 missed frames.
Missed frames are defined as re-
ceived frames which passed the
internal address match criteria
but were missed due to a Re-
ceive FIFO overflow, the receiver
being disabled (ENRCV = 0) or
an
excessive
receive
frame
count (RCVFC > 15). The
INTR
pin will be activated if the corre-
sponding mask bit MPCOM = 0.
MPCO is READ/CLEAR only. It
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by assert-
ing the
RESET pin or SWRST bit.
Bit 1
RCVINT
Receive Interrupt. Indicates that
the host read the last byte/word
of a packet from the Receive
FIFO. The Receive Frame Status
is available immediately on the
next host read operation. The
INTR pin will be activated if the
corresponding
mask
bit
RCVINTM = 0.
RCVINT is READ/CLEAR only. It
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by activa-
tion of the
RESET pin or SWRST
bit.
Bit 0
XMTINT
Transmit Interrupt. Indicates that
the MACE device has completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com