Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 11Page - STMicroelectronics PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
PM6652
Electrical characteristics
Doc ID 16867 Rev 5
15/53
Soft-start section
Default soft-start slew
rate
SSTART pin connected to AVCC
5
6.25
mV/µs
Soft-end section
VCC_GFX discharge
resistance
7
Ω
Thermal throttling management
THERM
Thermal detection trip
threshold
Measured with respect to SGND
1.0
V
Threshold hysteresis
200
mV
VRTT#
Output ON-resistance
THERM tied to SGND
7
Ω
IVRTT#
VRTT# leakage current VRTT# forced to 3.3 V; THERM=5 V
1
µA
Power management
COREON
SW regulator enable
turn-on level
0.800
V
SW regulator enable
turn-off level
0.346
VDPRSLPVR
Render suspend pin
thresholds
Render suspend (low)
0.346
V
Render performance (high)
0.731
VIDIH
VID high threshold
0.731
V
VIDIL
VID low threshold
0.346
V
IVID
VID pull-up current
1
µA
Thermal shutdown
TSHDN
Shutdown temperature
(1)
150
°C
1.
Guaranteed by design. Not production tested.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com