Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 49 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 45Page - STMicroelectronics PM6652 Datasheet HTML 46Page - STMicroelectronics PM6652 Datasheet HTML 47Page - STMicroelectronics PM6652 Datasheet HTML 48Page - STMicroelectronics PM6652 Datasheet HTML 49Page - STMicroelectronics PM6652 Datasheet HTML 50Page - STMicroelectronics PM6652 Datasheet HTML 51Page - STMicroelectronics PM6652 Datasheet HTML 52Page - STMicroelectronics PM6652 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
PM6652
Layout guidelines
Doc ID 16867 Rev 5
49/53
10
Layout guidelines
The PM6652 has two separate grounds: PGND, the power ground, and SGND, the
reference for IC internal circuitry. A 2-separate-grounds layout is based on the following
guidelines:
Design an analog/signal ground plane on one inner layer, connect this area to SGND
and exposed pad (trough some vias)
Design one power ground plane on one internal layer. Connect the SGND (signal
ground) plane and PGND plane in one point (e.g. under the exposed pad or near the
low-side MOSFET source). If the PGND plane and SGND plane are in different layers,
use at least 2 vias for the connection. It is recommended not to use a resistor to
connect the PGND plane and SGND plane.
Alternatively, a single ground PCB can be designed, taking into account the following
suggestions (refer to
Figure 1):
Design one power ground plane on one internal layer
Connect all the components referred to SGND (R15, C2, C6, C8, R10, C9) with a
dedicated trace, then connect this trace to SGND (pin 9) and to the IC thermal pad
Connect the IC thermal pad directly to the power ground, through some vias.
Other suggestions for a good layout follow:
GSNS, VSNS: Route the remote feedback sensing nets coupled (7 mils separation)
and 18 mils wide. Keep 25 mils separation from other signals (this is an Intel
suggestion)
CSNS, VOUT: Keep the current sensing signals directly from the current sensing
element terminals (inductor pads, for DCR sensing, or precision resistor pads). Place
the L-DCR filter, if required, near the inductor and route the current sensing nets
coupled and far from noisy nets. Place the NTC thermistor, if required, as close as
possible to the inductor. Use the GND/SGND plane for shielding
IMON, IMONFB: Keep far from switching traces (use, if necessary, the GND/SGND
plane for shielding) and place the output R-C filter close to the CPU
LGATE, HGATE, PHASE: Design trace width > 20 mils and as short as possible (avoid
using vias if possible). Keep the ratio 3 mils_width/100 mils_lenght even for traces
longer than 500 mils (e.g. trace length: 2000 mils. design a trace width of about
60 mils). Keep far from signal traces to avoid noise coupling on signal traces. Place the
gate resistor near the MOSFET gate
BOOT: Place the ceramic capacitor close to the BOOT pin and PHASE pin; the trace
must be > 20 mils and the spacing with another signal trace > 20 mils. Minimize the
length of the loop between the PHASE pin and BOOT pin. Use at least 3 vias if a layer
change is required
SVCC, PVCC: Place the capacitor close to the SVCC/PVCC pin. Design trace width >=
20 mils. SVCC is internally connected to PVCC through a few
Ω resistor (3 Ω, typ.) so
SVCC doesn't need to be externally connected to +5 V rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com