Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics PM6652 Datasheet HTML 42Page - STMicroelectronics PM6652 Datasheet HTML 43Page - STMicroelectronics PM6652 Datasheet HTML 44Page - STMicroelectronics PM6652 Datasheet HTML 45Page - STMicroelectronics PM6652 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Device description
PM6652
42/53
Doc ID 16867 Rev 5
Equation 26
As explained in
Section 8.7: Current sensing, the current sensing filter, if not properly
designed, can impact the overall accuracy. In this case
Equation 22 must be updated:
Equation 27
given
δV
LKG the voltage drop across the current sensing filter resistor, due to the CSNS pin
leakage current (
Equation 13).
Equation 27 also takes account of the sensing element variation due to thermal drift: this
element is almost negligible if the NTC thermal compensation network is used.
8.11.2
Current reporting (IMON) accuracy
The current monitor feature (IMON), as described in
Section 8.10.2: Current monitor
(IMON), has the following design equation:
Equation 28
GINT = 3 is the internal fixed gain
RIMON and RG are external resistors for gain programming
GSNS is the current sensing filter attenuation
RSNS is the current sensing element.
The statistical error of the IMON function can be computed:
Equation 29
δR
SNS/RSNS is the current sensing element accuracy;
δR
IMON/RIMON and δRG/RG are the external resistors accuracy;
δG
INT/GINT < 1% is the internal fixed gain error;
VIMON,OFF < 1 mV is the IMON maximum input offset;
δG
SNS/GSNS is the current sensing filter error (refer to Equation 26 for details).
The IMON accuracy can be influenced by a not properly designed current sensing filter (as
explained in
Section 8.7: Current sensing) and by the current sensing element thermal drift,
as summarized in
Equation 30:
()
2
P
P
2
S
S
2
NTC
NTC
2
A
A
SNS
SNS
SNS
R
R
R
R
R
R
R
R
G
1
G
G
⎟⎟
⎜⎜
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟
⎜⎜
⎛ δ
=
δ
TH
OUT
LKG
STAT
,
CORE
CORE
R
I
G
V
V
V
δ
+
δ
+
δ
=
δ
OUT
SNS
SNS
G
IMON
INT
IMON
I
R
G
R
R
G
V
=
2
SNS
SNS
2
OUT
SNS
SNS
off
,
IMON
2
INT
INT
2
IMON
IMON
2
RG
G
2
RSNS
SNS
IMON
STAT
,
IMON
G
G
I
R
G
V
G
G
R
R
R
R
R
R
V
V
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
=
δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com