Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 27Page - STMicroelectronics PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
31/53
high efficiency at light load.
Figure 8 and Figure 11 show the inductor current waveform
when the DPRSLPVR pin is asserted high or low.
When the DPRSLPVR control pin is still asserted high and the VDAC ramp-up transition is
requested, the render suspend fast exit is performed, by increasing the VDAC output with a
minimum voltage slew-rate of 10 mV//µs (
Figure 26).
If the DPRSLPVR signal is de-asserted before any VIDs change, the VDAC ramp-up
transition is performed with a minimum voltage slew-rate of 5 mV/µs (render suspend slow
exit).
In CPU IMVP6.5 and VR11 mode the minimum voltage slew-rate is fixed, as reported in
Table 8, and the DPRSLPVR control signal, when asserted high, directly activates the
pulse-skipping algorithm for higher light load efficiency.
8.7
Current sensing
As reported in
Equation 9 the voltage sensed between the CSNS and VOUT pins must be
proportional to the output current. Two main techniques can be used: the precision RSNS
resistor and the inductor's DCR current sensing (
Figure 29 and Figure 30). The first method
is more precise and more expensive, since a dedicated precision component must be
selected; on the other hand, the inductor's current sensing technique is cheaper but it's
based on the parasitic inductor resistance whose accuracy is hardly lower than 10%. An RS-
CS filter matched with the inductor's time constant is also required. If the inductor's DCR
value is greater than the required droop an additional RB resistor is necessary. In this case,
the sensed current as suggested by
Equation 9 becomes:
Equation 9
Figure 29.
Precision resistor current sensing
Figure 30.
Inductor's DCR current sensing
A
B
A
A
A
DCR
LOAD
DCR
A
B
B
OUT
SNS
C
R
//
R
s
1
R
sL
1
I
R
R
R
R
V
C
=
τ
τ
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com