Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics PM6652 Datasheet HTML 42Page - STMicroelectronics PM6652 Datasheet HTML 43Page - STMicroelectronics PM6652 Datasheet HTML 44Page - STMicroelectronics PM6652 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
41/53
8.11
System accuracy
8.11.1
VCORE accuracy
Starting from
Equation 7 and Equation 9, the programmed output voltage is given by:
Equation 23
VDAC is the internal reference voltage, i.e. the digital-to-analog converter output
programmed by the 7 VIDs
GD is the droop gain, given by Equation 8
GSNS is the current sensing filter attenuation. This element is lower than 1 if there is an
NTC thermal compensation network, typically used in DCR current sensing technique
RSNS is the current sensing element, i.e. the inductor DCR or the precision resistor.
The statistical variation of the output voltage is given by the following equation:
Equation 24
δV
DAC is the internal reference voltage error, lower than 0.7% of the programmed VID
(refer to
Figure 5)
δG
D/GD and δGSNS/GSNS are the statistical error of the droop gain and NTC network, if
used. These two elements are only influenced by external components
δR
SNS is the current sensing element (inductor's DCR or precision resistor) variation
due to its accuracy
δV
OFFSET < 2.5 mV is the PM6652 integrator maximum offset.
Based on
Equation 7, the droop gain statistical error is:
Equation 25
The same mathematical approach provides the following computation, based on
Equation 11:
()
OUT
SNS
SNS
D
DAC
SNS
_
SS
SNS
_
CC
I
R
G
G
V
V
V
=
() (
)
() (
)
SNS
D
2
OFFSET
D
2
SNS
OUT
2
SNS
SNS
2
D
D
2
OUT
SNS
2
DAC
STAT
,
CORE
G
G
G
V
G
R
I
G
G
G
G
G
I
R
G
V
V
=
δ
+
δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟
⎜⎜
⎛ δ
+
δ
=
δ
2
1
1
2
2
2
D
D
D
D
1
2
D
R
R
R
R
G
1
G
G
G
R
R
1
G
⎟⎟⎠
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎜⎜⎝
⎛ δ
=
δ
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com