Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6652 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 25Page - STMicroelectronics PM6652 Datasheet HTML 26Page - STMicroelectronics PM6652 Datasheet HTML 27Page - STMicroelectronics PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
29/53
8.3
Pulse-skip working mode
The PM6652 can obtain very high efficiency at light load if the low-side MOSFET is turned
off when the inductor current becomes equal to zero. This feature is performed by the zero-
crossing comparator (see the internal block diagram,
Figure 24). In CPU and VR11 mode
this feature is activated by asserting the DPRSLPVR pin. In GFX render mode the
DPRSLPVR assertion implies also that the VDAC minimum slew-rate is 10 mV/µs, for
increasing the programmed output voltage, as required by IMPV6.5 specifications for render
suspend fast exit mode (refer to
Section 8.6: Voltage dynamic (VID) transitions for details).
8.4
Differential remote sensing
The PM6652 performs a differential remote sensing, between the VSNS and GSNS pins.
The error between the sensed output voltage and the programmed one (VSNS - VDAC) and
between the remote ground and local one (GSNS - GND) are the other two inputs of the
integrator, as shown in
Figure 25. The differential remote sense must be directly connected
to the mobile processor differential feedback pins; only two catch resistors
(100
Ω) are allowed to avoid any VR output voltage runaway, due to a lack of negative
feedback when the processor is not mounted.
8.5
Droop function
In order to reduce the output capacitance amount, the PM6652 performs a load dependent
behavior. The voltage sensed between pins CSNS and VOUT is proportional to the load
current:
Equation 6
Given the network shown in
Figure 25, the resulting regulated output voltage is:
Equation 7
From the previous equation the equivalent droop resistance performed by the switching
regulator is:
Equation 8
The sense resistor can be a dedicated precision resistor or the inductor's DCR as explained
in
Section 8.7: Current sensing.
LOAD
SNS
OUT
SNS
I
R
V
C
=
LOAD
SNS
1
2
DAC
SS
_
GND
SS
_
CORE
I
R
R
R
1
V
V
V
⎟⎟⎠
⎜⎜⎝
+
=
SNS
D
SNS
1
2
DROOP
R
G
R
R
R
1
R
=
⎟⎟⎠
⎜⎜⎝
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com