Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 28Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 29Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 30Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 31Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 32Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 33Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 34Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 35Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
32
I2C
The I/O pins needed for I2C transfer are serial clock (SCL)
and serial data (SDA—implemented by connecting DIN
and DOUT externally). The I2C transfer timing is shown in
Figure 19.
The MSC120x I2C supports:
1.
Master or slave I2C operation (control in software)
2.
Standard or fast modes of transfer
3.
Clock stretching
4.
General call
When used in I2C mode, pins DIN (P1.3) and DOUT (P1.2)
should be tied together externally. The DIN pin should be
configured as an input pin and the DOUT pin should be
configured as open drain or standard 8051 by setting the
P1DDR (DOUT should be set high so that the bus is not
pulled low).
The MSC120x I2C can generate two interrupts:
1.
I2C interrupt for START/STOP interrupt (AIE.3)
2.
CNT interrupt for bit counter interrupt (AIE.2)
The START/STOP interrupt is generated when a START
condition or STOP condition is detected on the bus. The bit
counter generates an interrupt on a complete (8-bit) data
transfer and also after the transfer of the ACK/NACK.
The bit counter for serial transfer is always incremented on
the falling edge of SCL and can be reset by reading or
writing to I2CDATA (SFR 9Bh) or when a START/STOP
condition is detected. The bit counter can be polled or used
as an interrupt. The bit counter interrupt occurs when the
bit counter value is equal to 8, indicating that eight bits of
data have been transferred. I2C mode also allows for
interrupt
generation
on
one
bit
of
data
transfer
(I2CCON.CNTSEL). This can be used for ACK/NACK
interrupt generation. For instance, the I2C interrupt can be
configured for 8-bit interrupt detection; on the eighth bit,
the interrupt is generated. During this interrupt, the clock
is stretched (SCL held low) if the DCS bit is set. The
interrupt can then be configured for 1-bit detection (which
terminates clock stretching). The ACK/NACK can be
written by the software, which will terminate clock
stretching. The next interrupt will be generated after the
ACK/NACK has been latched by the receiving device. The
interrupt is cleared on reading or writing to the I2CDATA
register. If I2CDATA is not read before the next data
transfer, the interrupt will be removed and the previous
data will be lost.
Master Operation
The source for the SCL is controlled in the PASEL register
or can be generated in software.
Transmit
The serial data must be stable on the bus while SCL is
high. Therefore, the writing of serial data to I2CDATA must
be coordinated with the generation of the SCL, since SDA
transitions on the bus may be interpreted as a START or
STOP while SCL is high. The START and STOP
conditions on the bus must be generated in software. After
the serial data has been transmitted, the generation of the
ACK/NACK clock must be enabled by writing 0xFFh to
I2CDATA. This allows the master to read the state of
ACK/NACK.
Receive
The serial data is latched into the receive buffer on the
rising edge of SCL. After the serial data has been received,
ACK/NACK is generated by writing 0x7Fh (for ACK) or
0xFFh (for NACK) to I2CDATA.
SDA
SCL
1−7
8
P
S
STOP
Condition(4)
START
Condition(1)
ACK(3)
ACK(3)
ACK(3)
R/W(2)
DATA(2)
DATA(2)
ADDRESS(2)
91−78
9
1−7
8
9
(1) Generate in software; write 0x7F to I2CDATA.
(2) I2CDATA register.
(3) Generate in software. Can enable bit count = 1 interrupt prior to ACK/NACK for interrupt use.
Generate ACK by writing 0x7F to I2CDATA; generate NACK by writing 0xFF to I2CDATA.
(4) Generate in software; write 0xFF to I2CDATA.
NOTES:
Figure 19. Timing Diagram for I2C Transmission and Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com