Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 82 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 81Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 82Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 83Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 84Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 85Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
82
Milliseconds TImer Interrupt (MSINT)
7
6
5
4
3
2
1
0
Reset Value
SFR FAh
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7Fh
The clock used for this timer is the 1ms clock, which results from dividing the system clock by the values in registers
MSECH:MSECL. Reading this register is necessary for clearing the interrupt; however, AI in EICON (SFR D8h) must also
be cleared.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
bit 7
Read = 0.
0 = Delay Write Operation. The MSINT value is loaded when the current count expires.
1 = Write Immediately. The MSINT counter is loaded once the CPU completes the write operation.
MSINT6−0
Milliseconds Count. Normal operation would use 1ms as the clock interval.
bits 6−0
MS Interrupt Interval = (1 + MSINT)
• (MSEC + 1) • tCLK
One Microsecond Timer (USEC)
7
6
5
4
3
2
1
0
Reset Value
SFR FBh
0
0
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FREQ5−0
Clock Frequency − 1. This value + 1 divides the system clock to create a 1
µs Clock.
bits 5−0
USEC = CLK/(FREQ + 1). This clock is used to set Flash write time. See FTCON (SFR EFh).
One Millisecond TImer Low Byte (MSECL)
7
6
5
4
3
2
1
0
Reset Value
SFR FCh
MSECL7
MSECL6
MSECL5
MSECL4
MSECL3
MSECL2
MSECL1
MSECL0
9Fh
MSECL7−0 One Millisecond Timer Low Byte. This value in combination with the next register is used to create a 1ms clock.
bits 7−0
1ms = (MSECH
• 256 + MSECL + 1) • tCLK. This clock is used to set Flash erase time. See FTCON (SFR EFh).
One Millisecond Timer High Byte (MSECH)
7
6
5
4
3
2
1
0
Reset Value
SFR FDh
MSECH7
MSECH6
MSECH5
MSECH4
MSECH3
MSECH2
MSECH1
MSECH0
0Fh
MSECH7−0 One Millisecond Timer High Byte. This value in combination with the previous register is used to create a 1ms clock.
bits 7−0
1ms = (MSECH
• 256 + MSECL + 1) • tCLK.
One Hundred Millisecond Timer (HMSEC)
7
6
5
4
3
2
1
0
Reset Value
SFR FEh
HMSEC7
HMSEC6
HMSEC5
HMSEC4
HMSEC3
HMSEC2
HMSEC1
HMSEC0
63h
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
Read = 0.
HMSEC7−0 One Hundred Millisecond Timer. This clock divides the 1ms clock to create a 100ms clock.
bits 7−0
100ms = (MSECH
• 256 + MSECL + 1) • (HMSEC + 1) • tCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com