| Electronic Components Datasheet Search |
|
MSC1202Y3RHHT Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSC1202Y3RHHT Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 92 page ![]() MSC1200 MSC1201 MSC1202 SBAS317E − APRIL 2004 − REVISED MAY 2006 www.ti.com 6 ELECTRICAL CHARACTERISTICS: AVDD = 3V (continued) All specifications from TMIN to TMAX, DVDD = +2.7V to +5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, ADC Bipolar Mode, and VREF ≡ (REF IN+) − (REF IN−) = +1.25V, unless otherwise noted. MSC120x PARAMETER UNITS MAX TYP MIN CONDITIONS Voltage Reference Input Reference Input Range REF IN+, REF IN− AGND AVDD(3) V ADC VREF VREF ≡ (REFIN+) − (REFIN−) 0.1 1.25 AVDD V VREF Common-Mode Rejection At DC 110 dB Input Current VREF = 1.25V, PGA = 1 0.5 µA On-Chip Voltage Reference Output Voltage VREFH = 0, T = +25 °C 1.23 1.25 1.27 V Short-Circuit Current Source 2.9 mA Short-Circuit Current Sink 60 µA Short-Circuit Duration Sink or Source Indefinite Startup Time from Power ON CREFOUT = 0.1µF 0.2 ms Temperature Sensor Temperature Sensor Voltage T = +25 °C 115 mV Temperature Sensor Coefficient MSC1200 375 µV/°C Temperature Sensor Coefficient MSC1201, MSC1202 345 µV/°C IDAC Output Characteristics IDAC Resolution 8 Bits Full-Scale Output Source Current 1 mA Maximum Short-Circuit Current Duration Indefinite Compliance Voltage AVDD − 1.5 V IDAC Zero Code Current 0 µA IDAC INL 1.5 LSB Analog Power-Supply Requirements Analog Power-Supply Voltage AVDD 2.7 3.3 3.6 V Analog Current BOR OFF, External Clock Mode, Analog OFF, ALVD OFF, PDADC = PDIDAC = 1 < 1 nA PGA = 1, Buffer OFF 150 µA Analog ADC Current PGA = 128, Buffer OFF 380 µA Analog Power-Supply ADC Current (IADC) PGA = 1, Buffer ON 200 µA Power-Supply Current ADC PGA = 128, Buffer ON 610 µA Current VREF Supply Current (IVREF) ADC ON 330 µA IDAC Supply Current (IIDAC) IDAC = 00h 220 µA (1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64). (2) Calibration can minimize these errors. (3) The gain self-calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF. (4) ∆VOUT is change in digital result. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |