Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 68Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
72
ADC Control 2 (ADCON2)
7
6
5
4
3
2
1
0
Reset Value
SFR DEh
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
1Bh
DR7−0
Decimation Ratio LSB (refer to ADCON3, SFR DFh).
bits 7−0
ADC Control 3 (ADCON3)
7
6
5
4
3
2
1
0
Reset Value
SFR DFh
—
—
—
—
—
DR10
DR9
DR8
06h
DR10−8
Decimation Ratio Most Significant 3 Bits.
bits 2−0
The ADC output data rate is:
f
MOD
Decimation Ratio
where f
MOD +
f
CLK
(ACLK)1) @ 64
.
Accumulator (A or ACC)
7
6
5
4
3
2
1
0
Reset Value
SFR E0h
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00h
ACC.7−0
Accumulator. This register serves as the accumulator for arithmetic and logic operations.
bits 7−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com